Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2396KN Datasheet(PDF) 4 Page - Rohm

Part # BU2396KN
Description  3ch Clock Generator for Digital Cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2396KN Datasheet(HTML) 4 Page - Rohm

  BU2396KN Datasheet HTML 1Page - Rohm BU2396KN Datasheet HTML 2Page - Rohm BU2396KN Datasheet HTML 3Page - Rohm BU2396KN Datasheet HTML 4Page - Rohm BU2396KN Datasheet HTML 5Page - Rohm BU2396KN Datasheet HTML 6Page - Rohm BU2396KN Datasheet HTML 7Page - Rohm BU2396KN Datasheet HTML 8Page - Rohm BU2396KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
BU2396KN
4/20
TSZ02201-0E3E0J500710-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
04.Nov.2015 Rev.001
Electrical Characteristics
(VDD=3.3V, Ta=25°C, Crystal =12.000000MHz, unless otherwise specified.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Circuit
Current
IDD
23
35
mA
At no load
【Output H Voltage】
TGCLK
VOHT
VDD-0.5
V
When current load =-5.0mA
VCLK
VOHV
VDD-0.5
V
When current load =-5.0mA
UCLK
VOHU
VDD-0.5
V
When current load =-5.0mA
【Output L Voltage】
TGCLK
VOLT
0.5
V
When current load =5.0mA
VCLK
VOLV
0.5
V
When current load =5.0mA
UCLK
VOLU
0.5
V
When current load =5.0mA
【Pull-Up Resistance Value】
TGCLK_SEL1
TGCLK_SEL2
Pull-up
R
125
250
375
K
Ω
Monitor pin = 0V (R=VDD/I)
【Pull-Down Resistance Value】
TGCLK_EN,
TGCLK_PD
VCLK_EN, VCLK_PD
Pull-down
R
25
50
75
K
Ω
Monitor pin = VDD (R=VDD/I)
【Output Frequency】
TGCLK
SEL1:L
SEL2:L
TGCLK1
24.000000
MHz
XTAL x (48/4)/6
TGCLK
SEL1:L
SEL2:H
TGCLK2
30.000000
MHz
XTAL x (60/4)/6
TGCLK
SEL1:H
TGCLK3
36.000000
MHz
XTAL x (54/3)/6
VCLK
VCLK
27.000000
MHz
XTAL x (54/3)/8
UCLK
UCLK
12.000000
MHz
XTAL output
【Output waveform】
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 of
VDD
Rise Time
tR
2.0
nsec
Period of transition time
required for the output to reach
80% from 20% of VDD.
Fall Time
tF
2.0
nsec
Period of transition time
required for the output to reach
20% from 80% of VDD.
【Jitter】
Period-Jitter 1
σ
P-J1
σ
50
psec
(Note 1)
Period-Jitter MIN-MAX
P-J
MIN-MAX
300
psec
(Note 2)
【Output Lock-Time】
tLOCK
1
msec
(Note 3)
(Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to XTALIN.
If the input frequency is set to 12.000000MHz, the output frequency will be as listed above.
(Note 1) Period-
Jitter 1σ
This parameter represents standard deviation (
=1σ) on cycle distribution data at the time when the output clock cycles are sampled 1000 times consecutively
with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
(Note 2) Period-Jitter
MIN-MAX
This parameter represents a maximum distribution width on cycle distribution data at the time when the output clock cycles are sampled 1000 times
consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
(Note 3) Output Lock-Time
The Lock-Time represents elapsed time after power supply turns ON to reach a 3.0V voltage, after the system is switched from Power-Down state to normal
operation state, or after the output frequency is switched, until it is stabilized at a specified frequency, respectively.


Similar Part No. - BU2396KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
More results

Similar Description - BU2396KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
BU7331EKN-E2 ROHM-BU7331EKN-E2 Datasheet
572Kb / 21P
   3ch Programmable Clock Generator
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com