Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2506FV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BU2506FV-E2
Description  10bit 8ch/10ch D/A Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2506FV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BU2506FV-E2 Datasheet HTML 2Page - Rohm BU2506FV-E2 Datasheet HTML 3Page - Rohm BU2506FV-E2 Datasheet HTML 4Page - Rohm BU2506FV-E2 Datasheet HTML 5Page - Rohm BU2506FV-E2 Datasheet HTML 6Page - Rohm BU2506FV-E2 Datasheet HTML 7Page - Rohm BU2506FV-E2 Datasheet HTML 8Page - Rohm BU2506FV-E2 Datasheet HTML 9Page - Rohm BU2506FV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6/18
BU2505FV BU2506FV
TSZ02201-0RLR0GZ10140-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.co.jp
TSZ22111・15・001
Cascade Connection
A data output terminal for cascade connection (DO) is available for reducing the number of ports of a CPU if more channels are
needed. The DO terminal can be connected to a data input terminal (DI) of another IC.
However, DO signal transitions (of the IC #1 in the figure below) are triggered by the rising edge of the CLK signal. Also, DI signal
transitions of another IC (#2) should follow the restriction of the data hold time. Therefore, some amount of the delay time is needed
from DO of the IC #1 to DI of the IC #2. The delay time can be made with a circuit with a resister and a capacitor.
Also in some cases, a CLK signal frequency has to be decreased to ensure a margin of the data setup time.
If extra CPU ports are available, it is recommended to connect independent LD signals to each IC.
In this case, more ports of the CPU are needed for the LD signals, but the restrictions described above in the explanation of
the cascade connection don’t have to be considered.
BU2505FV
BU2506FV
DO
LD
CLK
DI
(#2)
BU2505FV
BU2506FV
DO
LD
CLK
DI
(#1)
CPU
LD
CLK
DI
BU2505FV
BU2506FV
(#2)
BU2505FV
BU2506FV
(#1)
LD
CLK
DI
LD
CLK
DI
LD1
LD2
DI
CLK
Data of #2
CLK
DI(#1)
LD
DI(#2)
Data of #2
Data of #1
DO
Data of #2
delay


Similar Part No. - BU2506FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
More results

Similar Description - BU2506FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com