Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4094BC Datasheet(PDF) 9 Page - Rohm

Part # BU4094BC
Description  8bit Static Shift/Store Register
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4094BC Datasheet(HTML) 9 Page - Rohm

Back Button BU4094BC_14 Datasheet HTML 5Page - Rohm BU4094BC_14 Datasheet HTML 6Page - Rohm BU4094BC_14 Datasheet HTML 7Page - Rohm BU4094BC_14 Datasheet HTML 8Page - Rohm BU4094BC_14 Datasheet HTML 9Page - Rohm BU4094BC_14 Datasheet HTML 10Page - Rohm BU4094BC_14 Datasheet HTML 11Page - Rohm BU4094BC_14 Datasheet HTML 12Page - Rohm BU4094BC_14 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/19
TSZ02201-0RDR0GZ00240-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Aug.2014 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BU4094BC
BU4094BCF
BU4094BCFV
Typical Performance Curves - continued
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V
0
10
20
30
40
50
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V
Figure13. Propagation Delay Time tPZL (OUTPUT
ENABLE
–QN) vs Ambient Temperature
Figure14. Propagation Delay Time tPLZ (OUTPUT
ENABLE
–QN) vs Ambient Temperature
Figure15. Set up time tSU (DATA-CLOCK) vs
Ambient Temperature
Figure16. Hold Time tH (CLOCK-DATA) vs
Ambient Temperature
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V


Similar Part No. - BU4094BC_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4094BC-E2 ROHM-BU4094BC-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4094BCF ROHM-BU4094BCF Datasheet
88Kb / 5P
   8-bit compatible shift / store register
BU4094BCF ROHM-BU4094BCF Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
logo
List of Unclassifed Man...
BU4094BCF ETC2-BU4094BCF Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BU4094BCF-E2 ROHM-BU4094BCF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4094BC_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62801P TOSHIBA-TD62801P Datasheet
237Kb / 7P
   8BIT SHIFT REGISTER/LATCH/DRIVER
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
logo
Rohm
BU4094BC ROHM-BU4094BC Datasheet
88Kb / 5P
   8-bit compatible shift / store register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
ON Semiconductor
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Unisonic Technologies
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com