Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21028FV-M Datasheet(PDF) 5 Page - Rohm

Part # BU21028FV-M
Description  4-wire Resistive Touch Screen Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21028FV-M Datasheet(HTML) 5 Page - Rohm

  BU21028FV-M Datasheet HTML 1Page - Rohm BU21028FV-M Datasheet HTML 2Page - Rohm BU21028FV-M Datasheet HTML 3Page - Rohm BU21028FV-M Datasheet HTML 4Page - Rohm BU21028FV-M Datasheet HTML 5Page - Rohm BU21028FV-M Datasheet HTML 6Page - Rohm BU21028FV-M Datasheet HTML 7Page - Rohm BU21028FV-M Datasheet HTML 8Page - Rohm BU21028FV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5/32
TSZ02201-0L5L0F300720-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
27.May.2016 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU21028FV-M
Absolute Maximum Ratings
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Thermal Resistance
(Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s
(Note 3)
2s2p
(Note 4)
SSOP-B20
Junction to Ambient
θJA
115.4
57.3
°C/W
Junction to Top Characterization Parameter
(Note 2)
ΨJT
10
8
°C/W
(Note 1)Based on JESD51-2A(Still-Air)
(Note 2)The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3)Using a PCB board based on JESD51-3.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70μm
(Note 4)Using a PCB board based on JESD51-7.
Layer Number of
Measurement Board
Material
Board Size
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70μm
74.2mm x 74.2mm
35μm
74.2mm x 74.2mm
70μm
Parameter
Symbol
Rating
Unit
Conditions
Power supply voltage
VDD
-0.3 to 4.5
V
Power supply voltage for
touch screen
VDDP
-0.3 to 4.5
V
Digital input voltage
VIN1
-0.3 to VDD+0.3
V
AD0,AD1,SDA,
SCL and RSTB
AUX input voltage
VIN2
GND-0.3 to 2.5
V
AUX
Voltage input to
touch screen Interface
VIN3
GND-0.3 to 2.5
V
XP,YP,XN
and YN
Storage temperature range
Tstg
-50 to 125


Similar Part No. - BU21028FV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21021GUL-E2 ROHM-BU21021GUL-E2 Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Similar Description - BU21028FV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com