Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU26154MUV Datasheet(PDF) 5 Page - Rohm

Part # BU26154MUV
Description  Monaural Audio CODEC with Touch Panel Interface
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU26154MUV Datasheet(HTML) 5 Page - Rohm

  BU26154MUV_15 Datasheet HTML 1Page - Rohm BU26154MUV_15 Datasheet HTML 2Page - Rohm BU26154MUV_15 Datasheet HTML 3Page - Rohm BU26154MUV_15 Datasheet HTML 4Page - Rohm BU26154MUV_15 Datasheet HTML 5Page - Rohm BU26154MUV_15 Datasheet HTML 6Page - Rohm BU26154MUV_15 Datasheet HTML 7Page - Rohm BU26154MUV_15 Datasheet HTML 8Page - Rohm BU26154MUV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
Datasheet
Datasheet
5/86
TSZ02201-0V2V0E500110-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
26.Oct.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU26154MUV
Absolute Maximum Ratings (Ta = 25°C)
(HGND1=HGND2=SPGND=CPGND=TGND=0V)
Parameter
Symbol
Condition
Rating
Unit
HVDD Supply Voltage
HVDD
-
-0.3 to 4.5
V
SPVDD Supply Voltage
SPVDD
-
-0.3 to 7.0
V
CPVDD Supply Voltage
CPVDD
-
-0.3 to 4.5
V
Input Voltage
VIN
MCLKI, SAI_LRCLK,
SAI_BCLK, SAI_SDIN,
SDATA/SDA, SCLK.
CSB/SCL pins
-0.3 to HVDD+0.3
V
MIN1, MIN2 pins
-0.3 to REGOUT+0.3
V
Storage Temperature
Tstg
-
-55 to +150
Power Dissipation
(Note 1)
Pd
Ta=25°C
(Note 1)
0.80
W
Ta=25°C
(Note 2)
3.01
W
Output Current 1
IOSP
SPOUT+, SPOUT- pins
-560 to +560
mA
Output Current 2
IOHP
HPL, HPR pins
-100 to +100
mA
Output Current 3
IOCP
HPVSS,HPVDD,CP,CN
pin
-500 to +500
mA
Output Current 4
IOREGO
REGOUT pin
-30 to 0
mA
Output Current 5
IOO
Except SPOUT+,SPOUT-,
HPL,HPR,
REGOUT,HPVDD,HPVSS
pins
-8 to +8
mA
Do not short the output pin to another output pin, power supply pin or GND pin.(Output pin includes an IO pin which is in output mode)
(Note 1) 74.2mm×74.2mm×1.6tmm FR4 1Layer Glass epoxy base Surface Copper foil 0%)Mounting
Above Ta=25℃,reduced by 8.0mW/℃. Thermal beer is on a base.
(Note 2) 74.2mm×74.2mm×1.6tmm FR4. 4 Layer Glass epoxy base(2,3layer Copper foil 100%)Mounting
Above Ta=25℃, reduced by 30.12mW/℃. Thermal beer is on a base.
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
(HGND1=HGND2=SPGND=CPGND=TGND=0V)
Parameter
Symbol
Condition
Rating
Unit
HVDD Supply Voltage
HVDD
HVDD=CPVDD=TVDD
2.7 to 3.6
V
SPVDD Supply Voltage
SPVDD
-
2.7 to 5.5
V
CPVDD Supply Voltage
CPVDD
HVDD=CPVDD=TVDD
2.7 to 3.6
V
TVDD Supply Voltage
TVDD
HVDD=CPVDD=TVDD
2.7 to 3.6
V
Operating Temperature
Top
-
-20 to +85
(Note 1) The radiation-proof design is not carried out.


Similar Part No. - BU26154MUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
More results

Similar Description - BU26154MUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Texas Instruments
PCM2912A TI1-PCM2912A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Audio Codec With USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com