Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4066BCFFV Datasheet(PDF) 8 Page - Rohm

Part # BU4066BCFFV
Description  Quad-Analog Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4066BCFFV Datasheet(HTML) 8 Page - Rohm

Back Button BU4066BCFFV Datasheet HTML 4Page - Rohm BU4066BCFFV Datasheet HTML 5Page - Rohm BU4066BCFFV Datasheet HTML 6Page - Rohm BU4066BCFFV Datasheet HTML 7Page - Rohm BU4066BCFFV Datasheet HTML 8Page - Rohm BU4066BCFFV Datasheet HTML 9Page - Rohm BU4066BCFFV Datasheet HTML 10Page - Rohm BU4066BCFFV Datasheet HTML 11Page - Rohm BU4066BCFFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8/16
TSZ02201-0RDR0GZ00270-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
12.Nov.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4066BC BU4066BCF BU4066BCFV
Typical Performance Curves - continued
0
40
80
120
160
200
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
0
40
80
120
160
200
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
Figure 16. Propagation Delay Time CONT→OUT(tPLZ) vs
Ambient Temperature
Figure 17. Propagation Delay Time CONT→OUT(tPZL) vs
Ambient Temperature


Similar Part No. - BU4066BCFFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4066BCF ROHM-BU4066BCF Datasheet
91Kb / 5P
   Quad analog switch
BU4066BCF ROHM-BU4066BCF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCF ROHM-BU4066BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCF-E2 ROHM-BU4066BCF-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCF-E2 ROHM-BU4066BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4066BCFFV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
   Quad analog switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
   Quad Analog Switch
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
   Quad Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com