Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU52069GWZ-E2 Datasheet(PDF) 7 Page - Rohm

Part # BU52069GWZ-E2
Description  Unipolar Detection Hall IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52069GWZ-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BU52069GWZ-E2 Datasheet HTML 3Page - Rohm BU52069GWZ-E2 Datasheet HTML 4Page - Rohm BU52069GWZ-E2 Datasheet HTML 5Page - Rohm BU52069GWZ-E2 Datasheet HTML 6Page - Rohm BU52069GWZ-E2 Datasheet HTML 7Page - Rohm BU52069GWZ-E2 Datasheet HTML 8Page - Rohm BU52069GWZ-E2 Datasheet HTML 9Page - Rohm BU52069GWZ-E2 Datasheet HTML 10Page - Rohm BU52069GWZ-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/15
BU52069GWZ
TSZ02201-0M2M0F414040-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
7.Nov.2014 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Description of Operations
Micropower Operation (Small Current Consumption Using Intermittent Sensing)
(Offset Cancellation)
The unipolar detection Hall IC uses intermittent sensing
save energy. At startup the Hall elements, amplifier,
comparator, and other detection circuits power on and
magnetic detection begins. During standby, the detection
circuits power off, thereby reducing current consumption.
The detection results are held while standby is active, and
then output.
Reference Period: 50ms (MAX100ms)
Reference Startup Time:24µs
IDD
Standby Time
Startup Time
Period
t
Figure 12
The Hall elements form an equivalent Wheatstone (resistor)
bridge circuit. Offset voltage may be generated by a
differential in this bridge resistance, or can arise from
changes in resistance due to package or bonding stress. A
dynamic offset cancellation circuit is employed to cancel this
offset voltage.
When the Hall elements are connected as shown in Figure
13 and a magnetic field is applied perpendicular to the Hall
elements, a voltage is generated at the mid-point terminal of
the bridge. This is known as Hall voltage.
Dynamic cancellation switches the wiring (shown in the
figure) to redirect the current flow to a 90° angle from its
original path, and thereby cancels the Hall voltage.
The magnetic signal (only) is maintained in the sample/hold
circuit during the offset cancellation process and then
released.
+
GND
VDD
-
I
B×
Hall Voltage
Figure 13


Similar Part No. - BU52069GWZ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52061NVX ROHM-BU52061NVX Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52061NVX ROHM-BU52061NVX Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52061NVX ROHM-BU52061NVX Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52061NVX ROHM-BU52061NVX Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52061NVX ROHM-BU52061NVX Datasheet
619Kb / 32P
   Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
More results

Similar Description - BU52069GWZ-E2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com