Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD_SERIES Datasheet(PDF) 4 Page - Copal Electronics

Part # RD_SERIES
Description  ROTARY CODED SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RD_SERIES Datasheet(HTML) 4 Page - Copal Electronics

  RD_SERIES Datasheet HTML 1Page - Copal Electronics RD_SERIES Datasheet HTML 2Page - Copal Electronics RD_SERIES Datasheet HTML 3Page - Copal Electronics RD_SERIES Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7.62
±0.1
φ
7 –
0.9
φ
6 –
0.9
7.62
±0.1
RD case
7.62
±0.1
RD case
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O Real code
O Complementary code
(Unit: mm)
The adove shows when a shaft is fully turned to CCW direction.
The adove shows when a shaft is fully turned to CCW direction.
Diameter of shaft
TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS
Real code
Complementary code
Terminal pin layout
(Bottom view)
P.C.B. dimensions
(Bottom view)
2.54
× 3
17.8
0.3
±0.1
5.1
7.62
15
±0.5
17.8
1
Part No. & Production date code
0.6
±0.1
1
2
4
8
C
C
C
0.8 W
× 1 D
17.8
0.6
±0.1
0.3
±0.1
5.1
7.62
15
±0.5
17.8
1
Part No. & Production date code
1
2
4
C
C
C
2.54
× 2
0.8 W
× 1 D
Round
type
Width
:0.8 mm
Depth
:1 mm
Slot
3.2
0
– 0.1
D-cut
type
0
– 0.3
4
3
φ
The DIP-TYPE ROTARY CODED SWITCHES RD series listed here are standard versions, but our
production will be made upon receipt of your order.
PACKAGING SPECIFICATIONS
Note: The conventional knob (Round shaft,
φ3.2 mm) available in the market
such as the one in the picture can be used.
O Boxing is performed with 20 pcs. per box.
Order will be accept for unit of 20 pcs., ie., 20, 40,
60pcs., etc.
RD
ROTARY CODED SWITCHES


Similar Part No. - RD_SERIES

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3S075CN ROHM-RD3S075CN Datasheet
2Mb / 16P
   Nch 190V 7.5A Power MOSFET
logo
Inchange Semiconductor ...
RD3S075CN ISC-RD3S075CN Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Rohm
RD3S100AAFRA ROHM-RD3S100AAFRA Datasheet
1Mb / 15P
   Nch 190V 10A Power MOSFET
RD3S100CN ROHM-RD3S100CN Datasheet
2Mb / 16P
   Nch 190V 10A Power MOSFET
logo
Inchange Semiconductor ...
RD3S100CN ISC-RD3S100CN Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - RD_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com