Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC20-25-201-1 Datasheet(PDF) 4 Page - Copal Electronics

Part # REC20-25-201-1
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC20-25-201-1 Datasheet(HTML) 4 Page - Copal Electronics

  REC20-25-201-1 Datasheet HTML 1Page - Copal Electronics REC20-25-201-1 Datasheet HTML 2Page - Copal Electronics REC20-25-201-1 Datasheet HTML 3Page - Copal Electronics REC20-25-201-1 Datasheet HTML 4Page - Copal Electronics REC20-25-201-1 Datasheet HTML 5Page - Copal Electronics REC20-25-201-1 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7
M9 P = 0.75
AWG26
15
6.5
1.5
(23)
18 max.
q
W 0.8
= D 1.2
10.3
q
20
q
3. Stopper
2.8
2.5
0.5
7
15
6.5
1.5
(23)
23 max.
10
M9 P = 0.75
AWG26
q
2. Washer
0.5
1
9.4
12.9
φ
φ
M 9
P = 0.75
12
1. Nut
2
M 9 P = 0.75
1.2
15
23
6.5
1.5
15 max.
(38)
6
2.5
1
Connector B4P
・SHF・1AA
VB A O
9 max.
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.4 (Unit: mm)
REC/RES
OPTICAL ENCODERS
O REC20
(With click)
O REC20C
(With click)
(Without click)
Accessories
O RES20/RES20-Z
(Without click)


Similar Part No. - REC20-25-201-1

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-240512TRWB RECOM-REC20-240512TRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-240512TRWBH RECOM-REC20-240512TRWBH Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-240515TRWB RECOM-REC20-240515TRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-240515TRWBH RECOM-REC20-240515TRWBH Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-2405DRWB RECOM-REC20-2405DRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
More results

Similar Description - REC20-25-201-1

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
REC16D COPAL-REC16D Datasheet
107Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16K COPAL-REC16K Datasheet
112Kb / 5P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16 COPAL-REC16 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
RMS20 COPAL-RMS20 Datasheet
78Kb / 3P
   MANUAL SETTING TYPE MAGNETIC ENCODERS
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
   OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
   OPTICAL ENCODERS
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com