Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT8001ID Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT8001ID
Description  WAN Clock for T1 and E1 Systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001ID Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT8001ID Datasheet HTML 7Page - Exar Corporation XRT8001ID Datasheet HTML 8Page - Exar Corporation XRT8001ID Datasheet HTML 9Page - Exar Corporation XRT8001ID Datasheet HTML 10Page - Exar Corporation XRT8001ID Datasheet HTML 11Page - Exar Corporation XRT8001ID Datasheet HTML 12Page - Exar Corporation XRT8001ID Datasheet HTML 13Page - Exar Corporation XRT8001ID Datasheet HTML 14Page - Exar Corporation XRT8001ID Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
XRT8001
11
Rev. 1.01
2.2 The Reverse/Master Mode
In the Reverse/Master Mode, the XRT8001 will accept
either a 56kHz or a 64kHz clock signal via the FIN input
pin, and will generate either a 1.544MHz or a 2.048MHz
clock signal via the Clock Output signals.
XRT8001
WAN Clock
XRT8001
WAN Clock
FIN
CLK1
CLK2
56kHz
or
64kHz
1.544MHz
or
2.048MHz
1.544MHz
or
2.048MHz
Figure 8. Illustration of the XRT8001 WAN Clock
Operating in the Reverse/Master Mode
Figure 8, presents a simple illustration of the XRT8001
WAN Clock operating in the “Reverse/Master Mode.”


Similar Part No. - XRT8001ID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000 EXAR-XRT8000 Datasheet
611Kb / 24P
   Clock Synchronizer/Adapter for Communications
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000ID EXAR-XRT8000ID Datasheet
611Kb / 24P
   Clock Synchronizer/Adapter for Communications
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results

Similar Description - XRT8001ID

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200_05 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
CY26200 CYPRESS-CY26200 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
logo
Renesas Technology Corp
ICS548-05 RENESAS-ICS548-05 Datasheet
250Kb / 8P
   T1/E1 CLOCK MULTIPLIER
091511
logo
Integrated Device Techn...
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
logo
Integrated Device Techn...
IDT82V3011 IDT-IDT82V3011 Datasheet
403Kb / 30P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
logo
Renesas Technology Corp
IDT82V3011 RENESAS-IDT82V3011 Datasheet
516Kb / 32P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
logo
Integrated Device Techn...
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Zarlink Semiconductor I...
ZL30102 ZARLINK-ZL30102_05 Datasheet
988Kb / 48P
   T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com