Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDW01F1B Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SDW01F1B
Description  Excellent Thermal management
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW01F1B Datasheet(HTML) 1 Page - Seoul Semiconductor

  SDW01F1B Datasheet HTML 1Page - Seoul Semiconductor SDW01F1B Datasheet HTML 2Page - Seoul Semiconductor SDW01F1B Datasheet HTML 3Page - Seoul Semiconductor SDW01F1B Datasheet HTML 4Page - Seoul Semiconductor SDW01F1B Datasheet HTML 5Page - Seoul Semiconductor SDW01F1B Datasheet HTML 6Page - Seoul Semiconductor SDW01F1B Datasheet HTML 7Page - Seoul Semiconductor SDW01F1B Datasheet HTML 8Page - Seoul Semiconductor SDW01F1B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SDWx1F1B
– Chip on Board
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
1
Rev3.1, Nov 10, 2016
Enable High Flux and Cost Efficient System
SDWx1F1B (SDW01F1B, SDW81F1B)
Z Power Chip on board
– ZC series
Size 13.5mm * 13.5mm
Power dissipation 4.5 ~ 11.8W
Wide CCT range with CRI70~80
Forward current typ 8.8V
Maximum Current 1.15A
MacAdam 3-step binning
Uniformed Shadow
Excellent Thermal management
RoHS compliant
Table 1. Product Selection Table
MacAdam
3-Step
RoHS
Part Number
CCT
Color
Min.
Typ.
Max.
SDW01F1B
Cool White
4,700K
-
6,000K
Neutral White
3,700K
-
4,700K
SDW81F1B
Cool White
4,700K
-
6,000K
Neutral White
3,700K
-
4,700K
Warm White
2,600K
-
3,700K
The ZC series are LED arrays which
provide High Flux and High Efficacy.
It is especially designed for easy
assembly of lighting fixtures by
eliminating reflow soldering process.
It‘s thermal management is better than
other power LED solutions with wide
Metal area.
ZC series are ideal light sources for
General Lighting applications including
Replacement Lamps, Industrial &
Commercial Lightings and other high
Lumen required applications.
Commercial
– Downlight
Replacement lamps
– MR16, Bulb
Industrial
– Bay lighting
Residential
LM-80


Similar Part No. - SDW01F1B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW01F1B SEOUL-SDW01F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
More results

Similar Description - SDW01F1B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW06F1C SEOUL-SDW06F1C Datasheet
752Kb / 24P
   Excellent Thermal management
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com