Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJE-2D08W4PD Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SMJE-2D08W4PD
Description  Lead Free Product
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-2D08W4PD Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SMJE-2D08W4PD Datasheet HTML 3Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 4Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 5Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 6Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 7Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 8Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 9Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 10Page - Seoul Semiconductor SMJE-2D08W4PD Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Rev1.2, Apr 1, 2015
www.seoulsemicon.com
Product Data Sheet
SMJE-XD08W4PX - Acrich3 8W
7
Characteristic Graph
Product Data Sheet
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 3. Relative Spectral Distribution vs. Wavelength Characteristic
– B, C
0
0.2
0.4
0.6
0.8
1
1.2
300
400
500
600
700
800
Wavelength[nm]
Relative Spectral Power Distribution at Ta=25oC


Similar Part No. - SMJE-2D08W4PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-2D08W4PD SEOUL-SMJE-2D08W4PD Datasheet
1Mb / 25P
   Integrated AC LED Solution
More results

Similar Description - SMJE-2D08W4PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-SZG05A0A SEOUL-SSC-SZG05A0A Datasheet
810Kb / 21P
   Lead Free product
logo
Zowie Technology Corpor...
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
logo
Shanghai Leiditech Elec...
HL90-185 LEIDITECH-HL90-185 Datasheet
310Kb / 3P
   RoHS Compliant (Lead Free) Product
logo
Zowie Technology Corpor...
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com