Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER3A Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ER3A
Description  Ideally Suited for Automatic Assembly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ER3A Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ER3A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER3A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER3A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER3A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N0133, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ER3A-ER3J
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
ER3A-ER3J SURFACE
MOUNT SUPER FAST RECTIFIER
Features:
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Overload Drop, High Efficiency
Surge Overload Rating to 30A Peak
Low Power Loss
Super-Fast Recovery Time
Plastic Case Material has UL Flammability Classification Rating 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Data:
Case: Low Profile Molded Plastic
Terminals: Solder Plated, Solderable per MIL-STD-750,
Method 2026
Polarity: Cathode Band or Cathode Notch
Marking: Type Number
Weight: 0.65 grams(approx)
Mechanical Dimensions: In mm / Inches
SMC
MARKING, MOLDING RESIN
Marking for ER3A/B/C/D/E/G/J, 1
st row ER3A/B/C/D/E/G/J, 2nd row YYWWL
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
ER3A


Similar Part No. - ER3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER3A PANJIT-ER3A Datasheet
50Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Chongqing Pingwei Enter...
ER3A CHONGQING-ER3A Datasheet
45Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
ER3A DIOTEC-ER3A Datasheet
139Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
logo
Surge Components
ER3A SURGE-ER3A Datasheet
86Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
CHENG-YI ELECTRONIC CO....
ER3A CHENG-YI-ER3A Datasheet
136Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ER3A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KABS12 DYELEC-KABS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS12 DYELEC-SS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS24L DYELEC-SS24L Datasheet
2Mb / 2P
   Ideally Suited for Automatic Assembly
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S14L DYELEC-S14L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S32U DYELEC-S32U Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KABF32 DYELEC-KABF32 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KABF12 DYELEC-KABF12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS54L DYELEC-SS54L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KDB32S DYELEC-KDB32S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com