Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016L100 Datasheet(PDF) 1 Page - Littelfuse

Part # 2016L100
Description  POLY-FUSE Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100 Datasheet(HTML) 1 Page - Littelfuse

  2016L100 Datasheet HTML 1Page - Littelfuse 2016L100 Datasheet HTML 2Page - Littelfuse 2016L100 Datasheet HTML 3Page - Littelfuse 2016L100 Datasheet HTML 4Page - Littelfuse 2016L100 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POLY-FUSE® Resettable PTCs
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/22/16
Surface Mount > 2016L Series
The 2016L Series PTC provides surface mount overcurrent
protection for low voltage (≤60V) applications where
resettable protection is desired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d typ.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
2016L030
LF030
0.30
0.60
60
20
1.40
1.5
3.0
0.500
2.300
X
X
2016L050
LF050
0.55
1.10
60
20
1.40
2.5
5.0
0.200
1.000
X
X
2016L075/60
LF075-60
0.75
1.50
60
20
1.40
8.0
0.5
0.130
0.900
X
X
2016L100
LF100
1.10
2.20
15
40
1.40
8.0
0.5
0.100
0.400
X
X
2016L100/33
LF100-33
1.10
2.20
33
40
1.40
8.0
0.5
0.100
0.400
X
X
2016L150
LF150
1.50
3.00
15
40
1.40
8.0
1.0
0.070
0.180
X
X
2016L150/33
LF150-33
1.50
3.00
33
40
2.0
8.00
1.00
0.070
0.180
2016L200
LF200
2.00
4.20
6
40
1.40
8.0
3.0
0.048
0.100
X
X
2016L260/24
LF260-24
2.60
5.00
24
40
1.6
8.00
5.00
0.025
0.075
2016L300/16
LF0300
3.00
5.00
16
40
1.6
8.00
10.00
0.015
0.048
2016L500
LF500
5.00
10.00
6
100
2.0
25.00
2.00
0.005
0.025
X
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing and flame.
* Agency Approval is Pending
Description
Features
Applications
• RoHS compliant, lead-free
and halogen-free
• Fast response to fault
currents
• High voltage
• Low-profile
• IEEE 1394 port protection
• Powered ethernet port
protection (IEEE 802.3 af)
• Automotive electronic
control module protection
• Low voltage telecom
equipment protection
Agency Approvals
2016L Series
RoHS
WARNING
• Users shall independently assess the suitability of these devices for each of their applications
• Operation of these devices beyond the stated maximum ratings could result in damage to the devices and lead to electrical arcing and/or fire
• These devices are intended to protect against the effects of temporary over-current or over-temperature conditions and are not intended to perform as protective devices where such
conditions are expected to be repetitive or prolonged in duration
• Exposure to silicon-based oils, solvents, electrolytes, acids, and similar materials can adversely affect the performance of these PPTC devices
• These devices undergo thermal expansion under fault conditions, and thus shall be provided with adequate space and be protected against mechanical stresses
• Circuits with inductance may generate a voltage (L di/dt) above the rated voltage of the PPTC device.
AGENCY
AGENCY FILE NUMBER
E183209
R50119118


Similar Part No. - 2016L100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L100 LITTELFUSE-2016L100 Datasheet
341Kb / 4P
   POLYFUSE짰 Resettable PTCs
2016L100 LITTELFUSE-2016L100 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
2016L100 LITTELFUSE-2016L100 Datasheet
150Kb / 5P
   POLYFUSE짰 Resettable PTCs
2016L100 LITTELFUSE-2016L100 Datasheet
253Kb / 5P
   The 2016L Series PTC provides surface mount overcurrent High voltage
2016L100/33 LITTELFUSE-2016L100/33 Datasheet
341Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 2016L100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L075PR LITTELFUSE-1812L075PR Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
250R120U LITTELFUSE-250R120U Datasheet
619Kb / 7P
   POLY-FUSE Resettable PTCs
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com