Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB1107007 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB1107007
Description  FAB1107007
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB1107007 Datasheet(HTML) 1 Page - Power System Technology

  FAB1107007 Datasheet HTML 1Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In partnership with
Electrical Output Data
Connector Pin Alloca�on
Mechanical Data
FAB1107007
FAB1107007 is a semi-standard product based on the PST21600 family with modifica�on of output voltages.
Features
90-265Vac Input voltage ranges or 130-350Vdc
Unit will operate at 90-240Vac input volatge at 400Hz but may not meet PF
or THD specs
Outputs : +84V / 300W, +35V/37.5W, -35V / 37,5W, +12V/10W
225 * 127 * 38.6 mm - Input screw connectors
Meet to MIL-STD-461E, CE101, CE102, EN55022A, EN61000-4-2,-4,-5,-11,-16
Conduc�on cooled. opera�ng -20°C to +85°C max on baseplate
Input : screw connector (Phoenix). Output : Molex serie minifit connector
type. Signal : Molex serie KK connector type
Safety IEC/EN 60950-1, RoHS lead-free-solder compliant
RoHS
Power System Technology - Z.A. la Paillerie- 61340 BERD’HUIS (France)
Tél. +33 (0)2 33 83 94 94 - Fax +33 (0)2 33 83 94 95 - sales@powersystemtechnology.com
www.powersystemtechnology.com
Electrical Input Data
Unit
Characteristics
Conditions
min typ max min typ max min typ max min typ max
Output voltage
83,9 84 84,7 34,9 35,0 35,3 -34,9 -35,0 -35,3 11,6 12 12,4 V
Trim range
-20%
10% -20%
10% -20%
10%
V
Overvoltage protection
94,1 97,6 101,1 40,4 41,9 43,4 -40,4 -41,9 -43,4
V
Nominal output current
3,6
1,1
1,1
0,8
A
Max. output current
4,16
4,16
4,16
1,5
A
Output current limit
4,2
4,8 5,6
4,2 4,8 5,6
4,2
4,8 5,6
>1,5
A
Output noise
200
100
100
420 mv
Dynamic load regulation
Output voltage trim
68,25
90
28,7
39,2 -28,7
-39,2
V
Hold up time
Input= 90Vac 50Hz
at full load
20
33
ms
Start up time
Input 115 or 230Vac
50Hz at full load
1,4
1,5 1,8
s
+12V
Output
+84V
+35V
-35V

  




Unit
Characteristics
Conditions
min typ max min typ max
Operating input voltage
44-63Hz for input Vac. For 440Hz
operating input voltage is 90-
240Vac
90 230 265 130 170 350
V
Surge
<=100ms
280
395 Vac
Input current
At Vin min
5,8
3,2
A
No-load input power At Vin nom(230Vac and 170Vdc)
33
25
W
Peak inrush current
At Vin nom
1,9 20
A
Hold up time
Input = 90Vac 50Hz at full load
20 33
ms
Start up time
Input 115 or 230Vac 50Hz at full load 1,4 1,5 1,8
s
170Vdc
Input
90-265Vac
Signal
- Led Input and Output
- Inhibi�on :
Standards
Built to meet. No laboratory cer�fica�on (cer�fied in the customer equipment).
J1 : Input connector (Phoenix GMKDS3/3-7,62)
PIN1
Earth
PIN2
Neutral
PIN3
Phase
J8 : Output 84Vdc (Molex 39281043)
PIN1, 2 Return +84Vdc
PIN3, 4 +84Vdc
J9 : Output +/-35Vdc & +12Vdc (Molex 39281063)
PIN1, 2 Return +/-35V
PIN3
+35V
PIN4
-35V
PIN5
+12V
PIN6
Return +12V
J10 : Output signal & inhibit (Molex 22272061)
PIN1
Return signal & inhibit
PIN2
Pgood +/-35V
PIN3
Inhibit +/- 35V
PIN4
NC
PIN5
Inhibit +84V
PIN6
Pgood +84V


Similar Part No. - FAB1107007

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB1107005 PST-FAB1107005 Datasheet
1Mb / 1P
   FAB1107005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com