Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB9810001T Datasheet(PDF) 2 Page - Power System Technology

Part # FAB9810001T
Description  Industrial / Medica
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB9810001T Datasheet(HTML) 2 Page - Power System Technology

  FAB9810001T Datasheet HTML 1Page - Power System Technology FAB9810001T Datasheet HTML 2Page - Power System Technology FAB9810001T Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIGNALS
DC OK on each output :
led
Inhibit for 5V, +15V, -15V :
relay contact
Inhibit for 24V :
relay contact
Safety :
built to meet EN60950
EMI :
built to meet EN55022B, conducted.
ENVIRONMENTAL
Storage temperature :
-25°C to +85°C
Operating temperature : -10°C to +50°C ambiant, forced air, Nominal Power
ISOLATION
Input to chassis :
1500 Vrms or 2120 Vdc
Input to Output :
3000 Vrms or 4242 Vdc
Output to Chassis :
>10 Mohms at 500 Vdc
GENERAL
FAB9810001T
2/3


Similar Part No. - FAB9810001T

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
More results

Similar Description - FAB9810001T

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST09 PST-PST09 Datasheet
251Kb / 4P
   Industrial
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
   INDUSTRIAL
logo
Cherry Semiconductor Co...
G81-7040LUVEU-0 CHERRY-G81-7040LUVEU-0 Datasheet
154Kb / 2P
   INDUSTRIAL
logo
Power System Technology
FAB0402001 PST-FAB0402001 Datasheet
219Kb / 3P
   Industrial
logo
Red Lion Controls. Inc
VT-UIPM-431-H REDLION-VT-UIPM-431-H Datasheet
492Kb / 2P
   Industrial RTU
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
PST06 PST-PST06 Datasheet
285Kb / 4P
   Industrial / Transportation
PST20 PST-PST20 Datasheet
221Kb / 3P
   Industrial applications
logo
Analog Devices
HMC1040LP3CE AD-HMC1040LP3CE Datasheet
583Kb / 6P
   Industrial Sensors
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com