Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB10F Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MB10F
Description  Designed for surface mount application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MB10F Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MB10F Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MB10F Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MB10F Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MB10F Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1456, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
MB05F THRU MB10F
MB05F THRU MB10F SINGLE PHASE
0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features:
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
Mechanical Data:
Case: MB-F, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202, Method 208
Polarity: as marked on case
Mounting Position: Any
Ordering Information: 5000pcs/reel
Lead Free: For RoHS / Lead Free Version
Mechanical Dimensions: In Inches/ mm
MBF


Similar Part No. - MB10F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB10F YFWDIODE-MB10F Datasheet
509Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
PACELEADER INDUSTRIAL
MB10F PACELEADER-MB10F Datasheet
241Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
MAKO SEMICONDUCTOR CO.,...
MB10F MAKOSEMI-MB10F Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
logo
Galaxy Semi-Conductor H...
MB10F BILIN-MB10F Datasheet
254Kb / 3P
   SILICON BRIDGE RECTIFIERS
logo
Shanghai Leiditech Elec...
MB10F LEIDITECH-MB10F Datasheet
1Mb / 3P
   Glass Passivated Die Construction
More results

Similar Description - MB10F

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
EUROQUARTZ limited
CX2SMAT EUROQUARTZ-CX2SMAT Datasheet
117Kb / 1P
   Designed for surface mount applications, including
logo
RF Monolithics, Inc
SF2060B-1 RFM-SF2060B-1 Datasheet
166Kb / 6P
   Designed for SDARS Receiver IF Application
SF2060B RFM-SF2060B Datasheet
242Kb / 6P
   Designed for SDARS Receiver IF Application
logo
United Monolithic Semic...
AN0024 UMS-AN0024 Datasheet
832Kb / 14P
   Application Note for Surface Mount Hermetic Package
logo
Infineon Technologies A...
IKW30N60TA INFINEON-IKW30N60TA Datasheet
671Kb / 14P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
IKW50N60TA INFINEON-IKW50N60TA Datasheet
951Kb / 14P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
IKW75N60TA INFINEON-IKW75N60TA Datasheet
1,003Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 14.07.2014
IKW20N60TA INFINEON-IKW20N60TA Datasheet
606Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.2 27.08.2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com