Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ Datasheet(PDF) 6 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMBJ
Description  Plastic Case Material has UL Flammability Classification Rating 94V-O
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMBJ Datasheet(HTML) 6 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMBJ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Technical Data
Green Products
Data Sheet N0193, Rev. C
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMBJ SERIES
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
BI-DIRECTIONAL 600 WATT SURFACE MOUNT TVS
BI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN.
@IT
BREAKDOWN
VOLTAGE VBR (V)
MAX.
@IT
TEST
CURRE
NT
IT(MA)
MAXMUM
CLAMPING
VOLTAGE
@IPP
VC(V)
PEAK PULSE
CURRENT
IPP(A)
REVERSE
LEAKAGE
@VRWM
IR(uA)
SMBJ5.0C
AD
5.00
6.40
7.82
10
9.6
62.5
1600
SMBJ5.0CA
AE
5.00
6.40
7.07
10
9.2
65.2
1600
SMBJ6.0C
AF
6.00
6.67
8.15
10
11.4
52.6
1600
SMBJ6.0CA
AG
6.00
6.67
7.37
10
10.3
58.3
1600
SMBJ6.5C
AH
6.50
7.22
8.82
10
12.3
48.7
1000
SMBJ6.5CA
AK
6.50
7.22
7.98
10
11.2
53.6
1000
SMBJ7.0C
AL
7.00
7.78
9.51
10
13.3
45.1
400
SMBJ7.0CA
AM
7.00
7.78
8.60
10
12.0
50.0
400
SMBJ7.5C
AN
7.50
8.33
10.18
1
14.3
42.0
200
SMBJ7.5CA
AP
7.50
8.33
9.21
1
12.9
46.5
200
SMBJ8.0C
AQ
8.00
8.99
10.99
1
15.0
40.0
100
SMBJ8.0CA
AR
8.00
8.99
9.94
1
13.6
44.1
100
SMBJ8.5C
AS
8.5
9.44
11.54
1
15.9
37.7
20
SMBJ8.5CA
AT
8.5
9.44
11.43
1
14.4
41.7
20
SMBJ9.0C
AU
9.0
10.00
12.22
1
16.9
35.5
10
SMBJ9.0CA
AV
9.0
10.00
11.05
1
15.4
39.0
10
SMBJ10C
AW
10
11.10
13.57
1
18.8
31.9
5
SMBJ10CA
AX
10
11.10
12.27
1
17.0
35.3
5
SMBJ11C
AY
11
12.20
14.91
1
20.1
29.9
5
SMBJ11CA
AZ
11
12.20
13.48
1
18.2
33.0
5
SMBJ12C
BD
12
13.30
16.26
1
22.0
27.3
5
SMBJ12CA
BE
12
13.30
14.70
1
19.9
30.2
5
SMBJ13C
BF
13
14.40
17.60
1
23.8
25.2
5
SMBJ13CA
BG
13
14.40
15.92
1
21.5
27.9
5
SMBJ14C
BH
14
15.60
19.07
1
25.8
23.3
5
SMBJ14CA
BK
14
15.60
17.24
1
23.2
25.8
5
SMBJ15C
BL
15
16.70
20.41
1
26.9
22.3
5
SMBJ15CA
BM
15
16.70
18.46
1
24.4
24.0
5
SMBJ16C
BN
16
17.80
21.76
1
28.8
20.8
5
SMBJ16CA
BP
16
17.80
19.67
1
26.0
23.1
5
SMBJ17C
BQ
17
18.90
23.10
1
30.5
19.7
5
SMBJ17CA
BR
17
18.90
20.89
1
27.6
21.7
5
SMBJ18C
BS
18
20.00
24.44
1
32.2
18.6
5
SMBJ18CA
BT
18
20.00
22.11
1
29.2
20.5
5
SMBJ20C
BU
20
22.20
27.13
1
35.8
16.7
5
SMBJ20CA
BV
20
22.20
24.54
1
32.4
18.5
5
SMBJ22C
BW
22
24.40
29.82
1
39.4
15.2
5
SMBJ22CA
BX
22
24.40
26.97
1
35.5
16.9
5
SMBJ24C
BY
24
26.70
32.63
1
43.0
14.0
5
SMBJ24CA
BZ
24
26.70
29.51
1
38.9
15.4
5
SMBJ26C
CD
26
28.90
35.32
1
46.6
12.4
5
SMBJ26CA
CE
26
28.90
31.94
1
42.1
14.2
5
SMBJ28C
CF
28
31.10
38.01
1
50.0
12.0
5
SMBJ28CA
CG
28
31.10
34.37
1
45.4
13.2
5
SMBJ30C
CH
30
33.30
40.70
1
53.5
11.2
5
SMBJ30CA
CK
30
33.30
36.81
1
48.4
12.4
5
SMBJ33C
CL
33
36.70
44.86
1
59.0
10.2
5
SMBJ33CA
CM
33
36.70
40.56
1
53.3
13.2
5
SMBJ36C
CN
36
40.00
48.89
1
64.3
9.3
5
SMBJ36CA
CP
36
40.00
44.21
1
58..1
10.3
5


Similar Part No. - SMBJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ JGD-SMBJ Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMBJ YANGJIE-SMBJ Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMBJ UNIOHM-SMBJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMDJ SMC-SMDJ Datasheet
255Kb / 6P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
logo
Nanjing International G...
5.0SMDJ12 DGNJDZ-5.0SMDJ12 Datasheet
102Kb / 4P
   Plastic material has UL flammability classification 94V-O
logo
Sangdest Microelectroni...
SDURF3020 SMC-SDURF3020 Datasheet
206Kb / 5P
   Plastic Material has UL Flammability Classification 94V-O
MUR3020WT SMC-MUR3020WT Datasheet
260Kb / 6P
   Plastic Material has UL Flammability Classification 94V-O
logo
Kersemi Electronic Co.,...
MBR1680FCT KERSEMI-MBR1680FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
MBR1650FCT KERSEMI-MBR1650FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
logo
Diodes Incorporated
ZMM5234B-7 DIODES-ZMM5234B-7 Datasheet
82Kb / 5P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
logo
Sangdest Microelectroni...
R1A SMC-R1A Datasheet
145Kb / 4P
   Plastic Case Material has UL Flammability Classication Rating 94V-0
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
   Plastic package has UL flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBU4A FS-GBU4A Datasheet
158Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com