Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4040RQ2 Datasheet(PDF) 7 Page - Littelfuse

Part # S4040RQ2
Description  Teccor brand Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4040RQ2 Datasheet(HTML) 7 Page - Littelfuse

  S4040RQ2 Datasheet HTML 1Page - Littelfuse S4040RQ2 Datasheet HTML 2Page - Littelfuse S4040RQ2 Datasheet HTML 3Page - Littelfuse S4040RQ2 Datasheet HTML 4Page - Littelfuse S4040RQ2 Datasheet HTML 5Page - Littelfuse S4040RQ2 Datasheet HTML 6Page - Littelfuse S4040RQ2 Datasheet HTML 7Page - Littelfuse S4040RQ2 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Revised: 12/09/15
Specifications are subject to change without notice.
©2015 Littelfuse, Inc
Teccor® brand Thyristors
40 Amp Low T
q SCR
S4040xQx Series
Dimensions – TO- 263 (N-package) — D2-Pak Surface Mount
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.63
0.89
E
0.048
0.055
1.22
1.40
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.083
0.093
2.11
2.36
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.87
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.02
1.78
G
B
A
W
D
F
V
S
CATHODE
ANODE
T
C MEASURING POINT
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
11.68
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
2.16
.055
1.40
.350
8.89
.276
7.01
.276
7.01
AREA: 0.11 in 2
Part Numbering System
Part Marking System
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
TO-220 AB - (R Package)
TO-263 (N Package)
®
M
Y
S4040RQ
56
DEVICE TYPE
S: SCR
xx: Lead Form Option
PACKAGE TYPE
R: TO-220 (Non-isolated)
N: TO-263 (D
CURRENT RATING
Lead Form Dimensions
40: 40A
VOLTAGE RATING
40: 400V
TURN-OFF TIME
S 4040 R
[blank]: 15s
2 - Pak)
Q
2: 12s
3: 5s
LOW TURN OFF TIME TYPE
7


Similar Part No. - S4040RQ2

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4040R TECCOR-S4040R Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4040R LITTELFUSE-S4040R Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4040R LITTELFUSE-S4040R Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S4040R NJSEMI-S4040R Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S4040RQ2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6S2RP LITTELFUSE-S6S2RP Datasheet
293Kb / 10P
   Teccor brand Thyristors
K2201G LITTELFUSE-K2201G Datasheet
225Kb / 6P
   Teccor brand Thyristors
K2500SRP LITTELFUSE-K2500SRP Datasheet
431Kb / 12P
   Teccor brand Thyristors
S2065KTP LITTELFUSE-S2065KTP Datasheet
207Kb / 8P
   Teccor brand Thyristors
Q6025K6TP LITTELFUSE-Q6025K6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
S402ES LITTELFUSE-S402ES Datasheet
224Kb / 8P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com