Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPK07KP18A Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # TPK07KP18A
Description  Low profile surface mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

TPK07KP18A Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  TPK07KP18A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK07KP18A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK07KP18A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK07KP18A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK07KP18A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1508, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
TPK07KPXX
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Junction and Storage Temperature Range
TJ ,TSTG
-55 to +175
°C
Thermal Resistance Junction to Case
RθJC
0.9
°C/W
Peak Pulse Power (with 10/1000μs waveform)
PPPM
7000
W
Forward Surge Current (8.3 ms single half sine-wave)
IFSM
700
A
Power dissipation on infinite heatsink
PD
8.0
W
Electrical Characteristics @TA=25°C unless otherwise specified
Breakdown
Voltage
VBR@ IT
(V)
Part Number
Nom.
Stand-off
Voltage
Vwm
(V)
Min.
Max.
Test
Current
IT
(mA)
Max. Clamping
Voltage
Vc(10/1000μs)
@ IPP
(V)
Max. Reverse
Leakage
Current
IR @ Vwm
(
μA)
Peak Pulse
Current Ipp
@10/1000μs
Waveform
(A)
TPK07KP10
10
11.1
13.6
5
18.8
15
372
TPK07KP10A
10
11.1
12.3
5
17.0
15
412
TPK07KP11
11
12.2
14.9
5
20.1
10
348
TPK07KP11A
11
12.2
13.5
5
18.2
10
385
TPK07KP12
12
13.3
16.3
5
22.0
10
318
TPK07KP12A
12
13.3
14.7
5
19.9
10
352
TPK07KP13
13
14.4
17.6
5
23.8
10
294
TPK07KP13A
13
14.4
15.9
5
21.5
10
326
TPK07KP14
14
15.6
19.1
5
25.8
10
271
TPK07KP14A
14
15.6
17.2
5
23.2
10
302
TPK07KP15
15
16.7
20.4
5
26.9
10
260
TPK07KP15A
15
16.7
18.5
5
24.4
10
287
TPK07KP16
16
17.8
21.8
5
28.8
10
243
TPK07KP16A
16
17.8
19.7
5
26.0
10
269
TPK07KP17
17
18.9
23.1
5
30.5
10
230
TPK07KP17A
17
18.9
20.9
5
27.6
10
254
TPK07KP18
18
20.0
24.4
5
32.2
10
217
TPK07KP18A
18
20.0
22.1
5
29.2
10
240
TPK07KP20
20
22.2
27.1
5
35.8
10
196
TPK07KP20A
20
22.2
24.5
5
32.4
10
216
TPK07KP22
22
24.4
29.8
5
39.4
10
178
TPK07KP22A
22
24.4
26.9
5
35.5
10
197
TPK07KP24
24
26.7
32.6
5
43.0
10
163
TPK07KP24A
24
26.7
29.5
5
38.9
10
180


Similar Part No. - TPK07KP18A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
TPK07KP48-I SMC-TPK07KP48-I Datasheet
182Kb / 4P
   Open top for heat dissipation and different connection options
More results

Similar Description - TPK07KP18A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Maxim Integrated Produc...
MAX8758EVKIT MAXIM-MAX8758EVKIT Datasheet
171Kb / 8P
   Low-Profile, Surface-Mount Components
Rev 0; 11/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com