Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPK07KP36 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # TPK07KP36
Description  Low profile surface mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

TPK07KP36 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  TPK07KP36 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK07KP36 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK07KP36 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK07KP36 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK07KP36 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1508, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
TPK07KPXX
TPK07KPXX TVS Rectifier
Applications:
Protection from switching transients and induced RF
Features:
Low profile surface mount
Unidirectional
Fast response
Suppresses transients up to 7000W @ 10/1000µs
Marking : body marked with TPK07KPXXX
This is a Pb − Free Device
Open top for heat dissipation and different connection options
All SMC parts are traceable to the wafer lot
All part are 100% tested: electrical, 1x surge test, visual inspection
Additional testing can be offered upon request
Mechanical Dimensions:In Inches(mm)
SPD-3


Similar Part No. - TPK07KP36

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
TPK07KP48-I SMC-TPK07KP48-I Datasheet
182Kb / 4P
   Open top for heat dissipation and different connection options
More results

Similar Description - TPK07KP36

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Maxim Integrated Produc...
MAX8758EVKIT MAXIM-MAX8758EVKIT Datasheet
171Kb / 8P
   Low-Profile, Surface-Mount Components
Rev 0; 11/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com