Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM20733 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # BCM20733
Description  Single-Chip Bluetooth Transceiver Wireless Input Devices
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20733 Datasheet(HTML) 1 Page - Cypress Semiconductor

  BCM20733 Datasheet HTML 1Page - Cypress Semiconductor BCM20733 Datasheet HTML 2Page - Cypress Semiconductor BCM20733 Datasheet HTML 3Page - Cypress Semiconductor BCM20733 Datasheet HTML 4Page - Cypress Semiconductor BCM20733 Datasheet HTML 5Page - Cypress Semiconductor BCM20733 Datasheet HTML 6Page - Cypress Semiconductor BCM20733 Datasheet HTML 7Page - Cypress Semiconductor BCM20733 Datasheet HTML 8Page - Cypress Semiconductor BCM20733 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
CYW20733
Single-Chip Bluetooth Transceiver
Wireless Input Devices
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document No. 002-14859 Rev. *R
Revised October 21, 2016
The Cypress CYW20733 is a Bluetooth 3.0 + EDR compliant, stand-alone baseband processor with an integrated 2.4 GHz trans-
ceiver. The device is ideal for applications in wireless input devices including game controllers, keyboards, and joysticks. Built-in
firmware adheres to the Bluetooth Human Interface Device (HID) profile and Bluetooth Device ID profile specifications. The
CYW20733 radio has been designed to provide low power, low cost, and robust communications for applications operating in the
globally available 2.4 GHz unlicensed ISM band. It is fully compliant with the Bluetooth Radio Specification 3.0 + EDR. The single-
chip Bluetooth transceiver is a monolithic component implemented in a standard digital CMOS process and requires minimal exter-
nal components to make a fully compliant Bluetooth device. The CYW20733 is available in three package options: a 81-pin, 8 mm ×
8 mm FBGA, a 121-pin, 9 mm × 9 mm FBGA, and a 56-pin, 7 mm x 7 mm QFN.
Cypress Part Numbering Scheme
Cypress is converting the acquired IoT part numbers from Broadcom to the Cypress part numbering scheme. Due to this conversion,
there is no change in form, fit, or function as a result of offering the device with Cypress part number marking. The table provides
Cypress ordering part number that matches an existing IoT part number.
Table 1. Mapping Table for Part Number between Broadcom and Cypress
Features
Integrated LDO to reduce BOM cost
Bluetooth specification 3.0 + EDR compatible
Bluetooth HID profile version 1.1 compliant
Bluetooth Device ID profile version 1.3 compliant
Supports AFH
Excellent receiver sensitivity
On-chip support for common keyboard and mouse inter-
faces eliminates external processor
Infrared (IR) modulator
IR learning
Integrated 200 mW filterless Class-D audio amplifier
Triac control
Triggered Broadcom Fast Connect
One I/O capable of sinking 100 mA for high- current drive
applications
Programmable key scan matrix interface, up to 8 × 20 key-
scanning matrix
Three-axis quadrature signal decoder
On-chip support for serial peripheral interface (master and
slave modes)
Broadcom Serial Communications Interface (compatible
with Philips® I2C slaves)
Two independent half-duplex PCM/I2S interfaces
Real-time clock supported with 32.768 kHz oscillator
Programmable output power control meets Class 2 or
Class 3 requirements
On-chip PA with a maximum output power of +10dBm with-
out external component
Integrated ARM7TDMI-S™-based microprocessor core
On-chip power on reset (POR)
On-chip software control power management unit
Three package types available:
81-pin FBGA package (8 mm × 8 mm)
121-pin FBGA package (9 mm × 9 mm)
56-pin QFN package (7 mm x 7 mm)
RoHS compliant
Applications
Game controllers
Wireless pointing devices: mice, trackballs
Wireless keyboards
Joysticks
Point-of-sale (POS) input devices
Remote controls
Home automation
3D glasses
Broadcom Part Number
Cypress Part Number
BCM20733
CYW20733
BCM20733A3KFB1G
CYW20733A3KFB1G
BCM20733A3KFB2G
CYW20733A3KFB2G
BCM20733A3KML1G
CYW20733A3KML1G


Similar Part No. - BCM20733

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBG CYPRESS-BCM20730A1KFBG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBG CYPRESS-BCM20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBGT CYPRESS-BCM20730A1KFBGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Similar Description - BCM20733

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com