Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q8004V5XX Datasheet(PDF) 10 Page - Littelfuse

Part # Q8004V5XX
Description  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q8004V5XX Datasheet(HTML) 10 Page - Littelfuse

Back Button Q8004V5XX Datasheet HTML 2Page - Littelfuse Q8004V5XX Datasheet HTML 3Page - Littelfuse Q8004V5XX Datasheet HTML 4Page - Littelfuse Q8004V5XX Datasheet HTML 5Page - Littelfuse Q8004V5XX Datasheet HTML 6Page - Littelfuse Q8004V5XX Datasheet HTML 7Page - Littelfuse Q8004V5XX Datasheet HTML 8Page - Littelfuse Q8004V5XX Datasheet HTML 9Page - Littelfuse Q8004V5XX Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/03/16
Teccor® brand Thyristors
4 Amp Sensitive & Standard Triacs
0.512 (13.0) Arbor
Hole Dia.
Gate
MT1
MT2
0.63
(16.0)
0.157
(4.0)
0.64
(16.3)
12.99
(330.0)
0.524
(13.3)
0.315
(8.0)
0.059 DIA
(1.5)
*
* Cover tape
Direction of Feed
Dimensions
are in inches
(and millimeters).
TO-252 Embossed Carrier Reel Pack (RP) Specifications
Meets all EIA-481-2 Standards
Part Marking System
Part Numbering System
Q 60 04 L 4
DEVICE TYPE
L : Sensitive Triac
Q : Standard Triac
LEAD FORM DIMENSIONS
xx : Lead Form Option
CURRENT RATING
SENSITIVITY & TYPE
Sensitive Triac:
3 : 3 mA (QI, II, III, IV)
5 : 5 mA (QI, II, III, IV)
6 : 5 mA (QI, II, III)
10 mA (QIV)
8 : 10 mA (QI, II, III)
20 mA (QIV)
Standard Triac:
3 : 10 mA (QI, II, III)
4 : 25 mA (QI, II, III)
PACKAGE TYPE
L :TO-220 Isolated
R :TO-220 Non-Isolated
V :TO-251 (V-Pak)
D :TO-252 (D-Pak)
VOLTAGE RATING
40 : 400V
60 : 600V
80 : 800V
K0 : 1000V
04 : 4A
xx
®
®
®
M
Y
Q6004R4
TO-220 AB - (L and R Package)
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
L6004V4
YMLDD
®
TO-252AA- (D Package)
TO-251AA- (V Package)
Date Code Marking
Y:Year Code
M: Month Code
L: Location Code
DD: Calendar Code
L6004V4
YMLDD
®


Similar Part No. - Q8004V5XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q8004V4 LITTELFUSE-Q8004V4 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
logo
New Jersey Semi-Conduct...
Q8004V4 NJSEMI-Q8004V4 Datasheet
511Kb / 5P
   RoHS Compliant
More results

Similar Description - Q8004V5XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L6004V3TP LITTELFUSE-L6004V3TP Datasheet
905Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com