Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F818KPMC1-G-SNE2 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB95F818KPMC1-G-SNE2
Description  New 8FX 8-bit Microcontrollers
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F818KPMC1-G-SNE2 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB95F818KPMC1-G-SNE2 Datasheet HTML 3Page - Cypress Semiconductor MB95F818KPMC1-G-SNE2 Datasheet HTML 4Page - Cypress Semiconductor MB95F818KPMC1-G-SNE2 Datasheet HTML 5Page - Cypress Semiconductor MB95F818KPMC1-G-SNE2 Datasheet HTML 6Page - Cypress Semiconductor MB95F818KPMC1-G-SNE2 Datasheet HTML 7Page - Cypress Semiconductor MB95F818KPMC1-G-SNE2 Datasheet HTML 8Page - Cypress Semiconductor MB95F818KPMC1-G-SNE2 Datasheet HTML 9Page - Cypress Semiconductor MB95F818KPMC1-G-SNE2 Datasheet HTML 10Page - Cypress Semiconductor MB95F818KPMC1-G-SNE2 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 121 page
background image
MB95810K Series
Document Number: 002-04694 Rev. *A
Page 7 of 121
5. Pin Functions
Pin no.
Pin name
I/O circuit
type*1
Function
I/O type
Input
Output OD*2 PU*3
1AVCC
Analog power supply pin for 8/10-bit A/D
converter
——
2AVR
Reference input pin for 8/10-bit A/D
converter
——
3
PE3
F
General-purpose I/O port
Hysteresis
CMOS
INT13
External interrupt input pin
4
PE2
F
General-purpose I/O port
Hysteresis
CMOS
INT12
External interrupt input pin
5
PE1
F
General-purpose I/O port
Hysteresis
CMOS
INT11
External interrupt input pin
6
PE0
F
General-purpose I/O port
Hysteresis
CMOS
INT10
External interrupt input pin
7
P83
F
General-purpose I/O port
Hysteresis
CMOS
TRG0*4
16-bit PPG timer ch. 0 trigger input pin
ADTG*4
8/10-bit A/D converter trigger input pin
8
P82
F
General-purpose I/O port
Hysteresis
CMOS
9
P81
F
General-purpose I/O port
Hysteresis
CMOS
10
P80
F
General-purpose I/O port
Hysteresis
CMOS
11
P71
F
General-purpose I/O port
Hysteresis
CMOS
TI0
16-bit reload timer ch. 0 input pin
12
P70
F
General-purpose I/O port
Hysteresis
CMOS
TO0
16-bit reload timer ch. 0 output pin
13
P72
F
General-purpose I/O port
Hysteresis
CMOS
14
PF0
B
General-purpose I/O port
Hysteresis
CMOS
——
X0
Main clock input oscillation pin
15
PF1
B
General-purpose I/O port
Hysteresis
CMOS
——
X1
Main clock I/O oscillation pin
16
VSS
Power supply pin (GND)
17
VCC
Power supply pin
18
C
Decoupling capacitor connection pin
19
PG2
C
General-purpose I/O port
Hysteresis
CMOS
X1A
Subclock I/O oscillation pin
20
PG1
C
General-purpose I/O port
Hysteresis
CMOS
X0A
Subclock input oscillation pin
21
PF2
A
General-purpose I/O port
Hysteresis
CMOS
RST
Reset pin


Similar Part No. - MB95F818KPMC1-G-SNE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F856K CYPRESS-MB95F856K Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F856KPF-G-SNE2 CYPRESS-MB95F856KPF-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F856KPFT-G-SNE2 CYPRESS-MB95F856KPFT-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F866KPMC-G-SNE2 CYPRESS-MB95F866KPMC-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F876KPMC-G-SNE2 CYPRESS-MB95F876KPMC-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
More results

Similar Description - MB95F818KPMC1-G-SNE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95410H CYPRESS-MB95410H Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95560H CYPRESS-MB95560H Datasheet
6Mb / 89P
   New 8FX 8-bit Microcontrollers
MB95260H CYPRESS-MB95260H Datasheet
2Mb / 92P
   New 8FX 8-bit Microcontrollers
MB95710M CYPRESS-MB95710M Datasheet
12Mb / 173P
   New 8FX 8-bit Microcontrollers
MB95690K CYPRESS-MB95690K Datasheet
4Mb / 129P
   New 8FX 8-bit Microcontrollers
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com