Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL164K Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # FL164K
Description  16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FL164K Datasheet(HTML) 2 Page - Cypress Semiconductor

  FL164K Datasheet HTML 1Page - Cypress Semiconductor FL164K Datasheet HTML 2Page - Cypress Semiconductor FL164K Datasheet HTML 3Page - Cypress Semiconductor FL164K Datasheet HTML 4Page - Cypress Semiconductor FL164K Datasheet HTML 5Page - Cypress Semiconductor FL164K Datasheet HTML 6Page - Cypress Semiconductor FL164K Datasheet HTML 7Page - Cypress Semiconductor FL164K Datasheet HTML 8Page - Cypress Semiconductor FL164K Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
Document Number: 002-00497 Rev. *E
Page 2 of 90
S25FL116K, S25FL132K, S25FL164K
Logic Block Diagram
Performance Summary
Maximum Read Rates (VCC = 2.7 V to 3.6 V, 85 °C/105 °C)
Command
Clock Rate (MHz)
Mbytes/s
Read
50
6.25
Fast Read
108
13.5
Dual Read
108
27
Quad Read
108
54
Typical Program and Erase Rates (VCC = 2.7 V to 3.6 V, 85 °C/105 °C)
Operation
kbytes/s
Page Programming (256-byte page buffer)
365
4-kbyte Sector Erase
81
64-kbyte Sector Erase
131
Typical Current Consumption (VCC = 2.7 V to 3.6 V, 85 °C/105 °C)
Operation
Current (mA)
Serial Read 50 MHz
7
Serial Read 108 MHz
12
Dual Read 108 MHz
14
Quad Read 108 MHz
16
Program
20
Erase
20
Standby
0.015
Deep-Power Down
0.002
Memory
Control
Logic
Data Path
CS#
SCK
SI/IO0
SO/IO1
HOLD#/IO3
WP#/IO2
I/O
Y Decoders
Data Latch


Similar Part No. - FL164K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808 Datasheet
35Kb / 1P
   Multi-layers Chip Inductors
FL160808 FRONTIER-FL160808 Datasheet
121Kb / 5P
   Tape and Reel Specifications
FL160808-100 FRONTIER-FL160808-100 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
FENGJUI TECHNOLOGY CO.,...
FL160808-100K FENGJUI-FL160808-100K Datasheet
262Kb / 7P
   EMI SOLOTION PRODUCTS-RoHS
logo
Frontier Electronics.
FL160808-120 FRONTIER-FL160808-120 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
More results

Similar Description - FL164K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com