Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP050AN06A0 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP050AN06A0
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP050AN06A0 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP050AN06A0 Datasheet HTML 1Page - Fairchild Semiconductor FDP050AN06A0 Datasheet HTML 2Page - Fairchild Semiconductor FDP050AN06A0 Datasheet HTML 3Page - Fairchild Semiconductor FDP050AN06A0 Datasheet HTML 4Page - Fairchild Semiconductor FDP050AN06A0 Datasheet HTML 5Page - Fairchild Semiconductor FDP050AN06A0 Datasheet HTML 6Page - Fairchild Semiconductor FDP050AN06A0 Datasheet HTML 7Page - Fairchild Semiconductor FDP050AN06A0 Datasheet HTML 8Page - Fairchild Semiconductor FDP050AN06A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
FDB050AN06A0 / FDP050AN06A0 Rev. A
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Drain
Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
1000
110
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
µs
1ms
DC
100
µs
10ms
1
10
100
0.01
0.1
1
10
100
500
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
40
80
120
160
4.0
4.5
5.0
5.5
6.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
40
80
120
160
0
0.5
1.0
1.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
VGS = 5V
VGS = 10V
VGS = 7V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
4
5
6
7
8
0
20
406080
ID, DRAIN CURRENT (A)
VGS = 6V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID =80A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX


Similar Part No. - FDP050AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP053N08B FAIRCHILD-FDP053N08B Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 80V, 120A, 5.3mW
logo
Inchange Semiconductor ...
FDP053N08B ISC-FDP053N08B Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP054N10 FAIRCHILD-FDP054N10 Datasheet
582Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
logo
Inchange Semiconductor ...
FDP054N10 ISC-FDP054N10 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
More results

Similar Description - FDP050AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com