Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH50N3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGH50N3
Description  300V, PT N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH50N3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGH50N3 Datasheet HTML 1Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 2Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 3Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 4Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 5Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 6Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 7Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
FGH50N3 Rev. A
Figure 7. Turn-On Energy Loss vs Collector to
Emitter Current
Figure 8. Turn-Off Energy Loss vs Collector to
Emitter Current
Figure 9. Turn-On Delay Time vs Collector to
Emitter Current
Figure 10. Turn-On Rise Time vs Collector to
Emitter Current
Figure 11. Turn-Off Delay Time vs Collector to
Emitter Current
Figure 12. Fall Time vs Collector to Emitter
Current
Typical Performance Curves T
J = 25°C unless otherwise noted (Continued)
ICE , COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
RG = 5Ω, L = 100µH, VCE = 180V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1020
304050
60
0
50
100
150
200
250
300
350
400
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 125
oC, V
GE = 10V, VGE = 15V
TJ = 25
oC, V
GE = 10V, VGE = 15V
RG = 5Ω, L = 100µH, VCE = 180V
0
1020
3040
5060
ICE, COLLECTOR TO EMITTER CURRENT (A)
15
20
25
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
30
35
0
1020
304050
60
RG = 5Ω, L = 100µH, VCE = 180V
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
TJ = 25
oC, T
J = 125
oC, V
GE =15V
0
1020
3040
5060
0
20
40
60
80
100
RG = 5Ω, L = 100µH, VCE = 180V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
1020
304050
60
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
100
110
120
130
140
150
160
170
RG = 5Ω, L = 100µH, VCE = 180V
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, V
GE = 10V, 15V
TJ = 125
oC, V
GE = 10V, 15V
RG = 5Ω, L = 100µH, VCE = 180V
0
1020
3040
5060
0
4
8
16
12
24
20


Similar Part No. - FGH50N3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Similar Description - FGH50N3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH120N30C3 IXYS-IXGH120N30C3 Datasheet
123Kb / 6P
   GenX3 300V IGBT
logo
Fairchild Semiconductor
FGA90N30 FAIRCHILD-FGA90N30 Datasheet
787Kb / 8P
   300V PDP IGBT
logo
IXYS Corporation
IXGH85N30C3 IXYS-IXGH85N30C3 Datasheet
112Kb / 6P
   GenX3 300V IGBT
IXGH100N30B3 IXYS-IXGH100N30B3 Datasheet
163Kb / 5P
   GenX3 300V IGBT
IXGA42N30C3 IXYS-IXGA42N30C3 Datasheet
181Kb / 6P
   GenX3 300V IGBT
IXGH100N30C3 IXYS-IXGH100N30C3 Datasheet
110Kb / 6P
   GenX3 300V IGBT
IXGH120N30B3 IXYS-IXGH120N30B3 Datasheet
168Kb / 5P
   GenX3 300V IGBT
logo
Fairchild Semiconductor
FGA90N30D FAIRCHILD-FGA90N30D Datasheet
833Kb / 9P
   300V PDP IGBT
FGA180N30D FAIRCHILD-FGA180N30D Datasheet
758Kb / 9P
   300V PDP IGBT
FGA120N30D FAIRCHILD-FGA120N30D Datasheet
746Kb / 9P
   300V PDP IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com