Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH50N3 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FGH50N3
Description  300V, PT N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH50N3 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FGH50N3 Datasheet HTML 1Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 2Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 3Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 4Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 5Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 6Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 7Page - Fairchild Semiconductor FGH50N3 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT
OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUTTHE EXPRESS WRITTENAPPROVALOF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
ImpliedDisconnect™
ISOPLANAR™
LittleFET™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGICâ
OPTOPLANAR™
FACT™
FACT Quiet Series™
FASTâ
FASTr™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2
Rev. I1
ACEx™
ActiveArray™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOSTM
EnSignaTM
PACMAN™
POP™
Power247™
PowerTrenchâ
QFET™
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
SILENT SWITCHERâ
SMARTSTART™
SPM™
Stealth™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic™
TruTranslation™
UHC™
UltraFETâ
VCX™
Across the board. Around the world.™
The Power Franchise™
Programmable Active Droop™


Similar Part No. - FGH50N3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Similar Description - FGH50N3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH120N30C3 IXYS-IXGH120N30C3 Datasheet
123Kb / 6P
   GenX3 300V IGBT
logo
Fairchild Semiconductor
FGA90N30 FAIRCHILD-FGA90N30 Datasheet
787Kb / 8P
   300V PDP IGBT
logo
IXYS Corporation
IXGH85N30C3 IXYS-IXGH85N30C3 Datasheet
112Kb / 6P
   GenX3 300V IGBT
IXGH100N30B3 IXYS-IXGH100N30B3 Datasheet
163Kb / 5P
   GenX3 300V IGBT
IXGA42N30C3 IXYS-IXGA42N30C3 Datasheet
181Kb / 6P
   GenX3 300V IGBT
IXGH100N30C3 IXYS-IXGH100N30C3 Datasheet
110Kb / 6P
   GenX3 300V IGBT
IXGH120N30B3 IXYS-IXGH120N30B3 Datasheet
168Kb / 5P
   GenX3 300V IGBT
logo
Fairchild Semiconductor
FGA90N30D FAIRCHILD-FGA90N30D Datasheet
833Kb / 9P
   300V PDP IGBT
FGA180N30D FAIRCHILD-FGA180N30D Datasheet
758Kb / 9P
   300V PDP IGBT
FGA120N30D FAIRCHILD-FGA120N30D Datasheet
746Kb / 9P
   300V PDP IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com