Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CJQ030 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 20CJQ030
Description  Redundant power subsystems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

20CJQ030 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  20CJQ030 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 20CJQ030 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 20CJQ030 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 20CJQ030 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 20CJQ030 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1663, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
20CJQ030
20CJQ030 SCHOTTKY RECTIFIER
Applications:
Switching power supply
Redundant power subsystems
Converters
Free-Wheeling diodes
Reverse battery protection
Features:
150℃
TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm / Inches
SOT-223


Similar Part No. - 20CJQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ030 IRF-20CJQ030 Datasheet
182Kb / 4P
   SCHOTTKY RECTIFIER, 2Amp
logo
Vishay Siliconix
20CJQ030 VISHAY-20CJQ030 Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 22-Aug-08
logo
SMC Diode Solutions Co....
20CJQ030 SMCDIODE-20CJQ030 Datasheet
504Kb / 4P
   20CJQ030 SCHOTTKY RECTIFIER
Rev. A
logo
Vishay Siliconix
20CJQ030PBF VISHAY-20CJQ030PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 21-Aug-08
More results

Similar Description - 20CJQ030

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
8TQ080 SMC-8TQ080 Datasheet
210Kb / 6P
   Redundant power subsystems
logo
Axiomtek Co., Ltd.
NA-551 AXIOMTEK-NA-551 Datasheet
315Kb / 2P
   Supports power redundant
logo
Advantech Co., Ltd.
1757001847 ADVANTECH-1757001847 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757003062 ADVANTECH-1757003062 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757000105G ADVANTECH-1757000105G Datasheet
1Mb / 3P
   Redundant Power Supplies
1757001798 ADVANTECH-1757001798 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757003063 ADVANTECH-1757003063 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757000878 ADVANTECH-1757000878 Datasheet
1Mb / 3P
   Redundant Power Supplies
RPS-300ATX-ZE ADVANTECH-RPS-300ATX-ZE Datasheet
1Mb / 3P
   Redundant Power Supplies
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com