Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL512T11GHIyyx Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S29GL512T11GHIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T11GHIyyx Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S29GL512T11GHIyyx Datasheet HTML 5Page - Cypress Semiconductor S29GL512T11GHIyyx Datasheet HTML 6Page - Cypress Semiconductor S29GL512T11GHIyyx Datasheet HTML 7Page - Cypress Semiconductor S29GL512T11GHIyyx Datasheet HTML 8Page - Cypress Semiconductor S29GL512T11GHIyyx Datasheet HTML 9Page - Cypress Semiconductor S29GL512T11GHIyyx Datasheet HTML 10Page - Cypress Semiconductor S29GL512T11GHIyyx Datasheet HTML 11Page - Cypress Semiconductor S29GL512T11GHIyyx Datasheet HTML 12Page - Cypress Semiconductor S29GL512T11GHIyyx Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 9 of 105
S29GL01GT, S29GL512T
Like the Device ID information, CFI information is structured to work with any memory data bus width e. g. x8, x16, x32. The code
values are always byte wide but are located at data bus width address boundaries such that incrementing the device address reads
successive byte, word, or double word locations with the codes always located in the least significant byte location of the data bus.
Because the data bus is word wide each code byte is located in the lower half of each word location and the high order byte is
always 0.
For further information, please refer to the CFI Specification, Version 1.4 (or later), and the JEDEC publications JEP137-A and
JESD68.01. Please contact JEDEC (www.jedec.org) for their standards and the CFI Specification may be found at the Cypress Web
site (www.cypress.com/spansionappnotes at the time of this document's publication) or by contacting a local Cypress sales office
listed on the web site.
2.3
Status Register ASO
The Status Register ASO contains a single word of registered volatile status for Embedded Algorithms. When the Status Register
read command is issued, the current status is captured (by the rising edge of WE#) into the register and the ASO is entered. The
Status Register content appears on all word locations. The first read access exits the Status Register ASO (with the rising edge of
CE# or OE#) and returns to the address space map in use when the Status Register read command was issued. Write commands
will not exit the Status Register ASO state.
2.4
Data Polling Status ASO
The Data Polling Status ASO contains a single word of volatile memory indicating the progress of an EA. The Data Polling Status
ASO is entered immediately following the last write cycle of any command sequence that initiates an EA. Commands that initiate an
EA are:
Word Program
Program Buffer to Flash
Chip Erase
Sector Erase
Erase Resume / Program Resume
Program Resume Enhanced Method
Blank Check
Lock Register Program
Password Program
PPB Program
All PPB Erase
Evaluate Erase Status
The Data Polling Status word appears at all word locations in the device address space. When an EA is completed the Data Polling
Status ASO is exited and the device address space returns to the address map mode where the EA was started.
2.5
Secure Silicon Region ASO
The Secure Silicon Region (SSR) provides an extra memory area that can be programmed once and permanently protected from
further changes, i. e., it is a One Time Program (OTP) area. The SSR is
2048 bytes in length. It consists of 512 bytes for Factory Locked Secure Silicon Region (SSR0), 1024 bytes for Customer Locked
Secure Silicon Regions (SSR1 and SSR2), and 512 bytes for Customer Locked Secure Silicon Region with Read password (SSR3).
SSR0 is shipped locked, preventing further programming. SSR1 and SSR2 are OTP with each having separate lock bits and once
locked no further programming is allowed for that region. SSR3 is an OTP and requires a SSR3 password to read or program that
region. Once SSR3 is locked no further programming is allowed for that region.


Similar Part No. - S29GL512T11GHIyyx

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL512T11GHIyyx

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com