Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP202 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # GBP202
Description  SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

GBP202 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  GBP202 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd GBP202 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 54 -
RATING AND CHARACTERISTIC CURVES (GBP2005 THRU GBP210)
100
FIG.3-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
1
0
20
40
10
NUMBER OF CYCLES AT 60Hz
60
80
CASE TEMPERTURE,(℃)
8.3ms Single Half
Sine-Wave (JEDEC
Method)
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
40
20
0
60
0.1
1.0
120
100
80
TJ=25
FIG.5-TYPICAL REVERSE CHARACTERISTICS
INSTANEOUS FORWARD VOLTAGE,(V)
100
10
.01
.4
0.1
0.6
TJ=25
Pulse Width=300μs
1% Duty Cycle
0.8
1.0
1.2
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.0
10
1000
TJ=100
TJ=125
TJ=150
FIG.4-TYPIAL JUNCTION CAPAOTANCE
REVERSE VOLTAGE,(V)
1
10
100
1000
1
10
100
100
50
With Heatsink
2.0
125
75
25
1.0
0
0
Single Phase Half Wave 60Hz
Resistive or inductive Load
150
Without Heatsink


Similar Part No. - GBP202

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBP202 PANJIT-GBP202 Datasheet
39Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Diode Semiconductor Kor...
GBP202 DSK-GBP202 Datasheet
166Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
GBP202 EIC-GBP202 Datasheet
118Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 00 : July 5, 2007
logo
Won-Top Electronics
GBP202 WTE-GBP202 Datasheet
47Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
GBP202 SUNMATE-GBP202 Datasheet
324Kb / 2P
   GLASS PASSIVATED BR1DGE RECTIFIER
More results

Similar Description - GBP202

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
GBL201 CHONGQING-GBL201 Datasheet
203Kb / 2P
   SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8005 CHONGQING-KBJ8005 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP4005 CHONGQING-GBP4005 Datasheet
201Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP3005 CHONGQING-GBP3005 Datasheet
206Kb / 2P
   SINGLE PHASE3.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8005 CHONGQING-GBU8005 Datasheet
206Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ4005 CHONGQING-KBJ4005 Datasheet
212Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ10005 CHONGQING-KBJ10005 Datasheet
203Kb / 2P
   SINGLE PHASE10.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBU4005 CHONGQING-GBU4005 Datasheet
206Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6005 CHONGQING-KBJ6005 Datasheet
210Kb / 2P
   SINGLE PHASE6.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ801 CHONGQING-GBJ801 Datasheet
212Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com