Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP308 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # GBP308
Description  SINGLE PHASE3.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

GBP308 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  GBP308 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd GBP308 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 54 -
RATING AND CHARACTERISTIC CURVES (GBP3005 THRU GBP310)
100
FIG.3-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
1
0
10
NUMBER OF CYCLES AT 60Hz
CASE TEMPERTURE,(℃)
8.3ms Single Half
Sine-Wave (JEDEC
Method)
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
40
20
0
60
0.1
1.0
120
100
80
TJ=25℃
FIG.5-TYPICAL REVERSE CHARACTERISTICS
INSTANEOUS FORWARD VOLTAGE,(V)
100
10
.01
.4
0.1
0.6
TJ=25℃
Pulse Width=300μs
1% Duty Cycle
0.8
1.0
1.2
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.0
10
1000
TJ=100℃
TJ=125℃
TJ=150℃
FIG.4-TYPIAL JUNCTION CAPAOTANCE
REVERSE VOLTAGE,(V)
1
10
100
1000
1
10
100
100
50
Without Heatsink
With Heatsink
125
75
25
0
0
Single Phase Half Wave 60Hz
Resistive or inductive Load
150
1.5
3.0
30
60
90
120


Similar Part No. - GBP308

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBP308 PANJIT-GBP308 Datasheet
40Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Zibo Seno Electronic En...
GBP308 ZSELEC-GBP308 Datasheet
85Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Pan Jit International I...
GBP308 PANJIT-GBP308 Datasheet
36Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
GBP308 SAMYANG-GBP308 Datasheet
2Mb / 3P
   Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
GBP308 CHENG-YI-GBP308 Datasheet
175Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - GBP308

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
GBL3005 CHONGQING-GBL3005 Datasheet
209Kb / 2P
   SINGLE PHASE3.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP2005 CHONGQING-GBP2005 Datasheet
200Kb / 2P
   SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8005 CHONGQING-KBJ8005 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP4005 CHONGQING-GBP4005 Datasheet
201Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8005 CHONGQING-GBU8005 Datasheet
206Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ4005 CHONGQING-KBJ4005 Datasheet
212Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ10005 CHONGQING-KBJ10005 Datasheet
203Kb / 2P
   SINGLE PHASE10.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBL201 CHONGQING-GBL201 Datasheet
203Kb / 2P
   SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBU4005 CHONGQING-GBU4005 Datasheet
206Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6005 CHONGQING-KBJ6005 Datasheet
210Kb / 2P
   SINGLE PHASE6.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com