Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ808 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # KBJ808
Description  SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

KBJ808 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  KBJ808 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd KBJ808 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 63 -
KBJ8005 THRU KBJ810
SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
FEATURE
.
UL Listed Under Recognized Component Index,
File Number E338195
.
Glass passivated chip junctions
.
High case dielectric stength
.
Low Reverse Leakage Current
.
High surge current capability
.
Ideal for Printed Circuit Board Applications
MECHANICAL DATA
.
Case: KBJ
.
Case Material: Molded Plastic.
UL Flammability Classification Rating 94V-0
.
Terminals: Pure tin plated, Lead free.
Leads solderable per MIL-STD-750, Method 2026.
.
Polarity: Molded on Body
.
Mounting: Through Hole for #6 Screw
.
Mounting Torque: 5.0 in-lbs Maximum
.
Weight: 4.3 grams
KBJ
.287(7.3)
.303(7.7)
.074(1.9)
.059(1.5)
.035(0.9)
.043(1.1)
.041(1.05)
.057(1.45)
.087(2.2)
.071(1.8)
.098(2.5)
.114(2.9)
.023(0.6)
.031(0.8)
.972(24.7)
.996(25.3)
.134(3.4)
.122(3.1)
.189(4.8)
.173(4.4)
.134(3.4)
.150(3.8)
~~ -
+
SPACING
+
_
~
~
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYM
BOL
KBJ
8005
KBJ
801
KBJ
802
KBJ
804
KBJ
806
KBJ
808
KBJ
810
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note2)
Rectified Current @ TC=110°C(without heatsink)
IF(AV)
8.0
2.9
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
200
A
Maximum Forward Voltage
@ 8.0A DC
Drop per element
@ 4.0A DC
VF
1.1
1.0
V
Maximum DC Reverse Current
@TJ =25°C
at rated DC blocking voltage
@TJ =125°C
IR
5.0
500.0
μA
I2t Rating for Fusing (t﹤8.3ms)
I2t
166
A2Sec
Typical Junction Capacitance (Note 1)
CJ
60
pF
Typical Thermal Resistance (Note 2)
R(JC)
2.5
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2.Device mounted on 100mm x 100mm x 1.6mm Cu Plate Heatsink.


Similar Part No. - KBJ808

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ808 RFE-KBJ808 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ808 LUGUANG-KBJ808 Datasheet
142Kb / 2P
   Silicon Bridge Rectifiers
logo
Chongqing Pingwei Enter...
KBJ808 CHONGQING-KBJ808 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
KBJ808 CHENDA-KBJ808 Datasheet
544Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ808 YFWDIODE-KBJ808 Datasheet
540Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBJ808

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
KBJ8005 CHONGQING-KBJ8005 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8005 CHONGQING-GBU8005 Datasheet
206Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ801 CHONGQING-GBJ801 Datasheet
212Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP2005 CHONGQING-GBP2005 Datasheet
200Kb / 2P
   SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP4005 CHONGQING-GBP4005 Datasheet
201Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP3005 CHONGQING-GBP3005 Datasheet
206Kb / 2P
   SINGLE PHASE3.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ4005 CHONGQING-KBJ4005 Datasheet
212Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ10005 CHONGQING-KBJ10005 Datasheet
203Kb / 2P
   SINGLE PHASE10.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBL201 CHONGQING-GBL201 Datasheet
203Kb / 2P
   SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBU4005 CHONGQING-GBU4005 Datasheet
206Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com