Electronic Components Datasheet Search
Selected language     English  ▼


LM2590HV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2590HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 3 page
background image
LM2590HV-ADJ
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.
Symbol
Parameter
Conditions
LM2590HV-ADJ
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
η
Efficiency
V
IN = 12V, VOUT = 3V, ILOAD =1A
76
%
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version. ILOAD = 500 mA
Symbol
Parameter
Conditions
LM2590HV-XX
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
DEVICE PARAMETERS
I
b
Feedback Bias Current
Adjustable Version Only, V
FB = 1.3V
10
nA
50/100
nA (max)
f
O
Oscillator Frequency
(Note 7)
150
kHz
127/110
kHz(min)
173/173
kHz(max)
V
SAT
Saturation Voltage
I
OUT = 1A (Note 8) (Note 9)
0.95
V
1.2/1.3
V(max)
DC
Max Duty Cycle (ON)
(Note 9)
100
%
Min Duty Cycle (OFF)
(Note 10)
0
I
CLIM
Switch current Limit
Peak Current, (Note 8) (Note 9)
1.9
A
1.3/1.2
A(min)
2.8/3.0
A(max)
I
L
Output Leakage Current
(Note 8) (Note 10) (Note 11)
Output = 0V
50
µA(max)
Output = −1V
5
mA
30
mA(max)
I
Q
Operating Quiescent
SD /SS Pin Open (Note 10)
5mA
Current
10
mA(max)
I
STBY
Standby Quiescent
SD /SS pin = 0V
(Note 11)
90
µA
Current
200/250
µA(max)
θ
JC
Thermal Resistance
TO220 or TO263 Package, Junction to Case
2
˚C/W
θ
JA
TO220 Package, Juncton to Ambient (Note 12)
50
˚C/W
θ
JA
TO263 Package, Juncton to Ambient (Note 13)
50
˚C/W
θ
JA
TO263 Package, Juncton to Ambient (Note 14)
30
˚C/W
θ
JA
TO263 Package, Juncton to Ambient (Note 15)
20
˚C/W
SHUTDOWN/SOFT-START CONTROL Test Circuit of
Figure 1
V
SD
Shutdown Threshold
1.3
V
Voltage
Low, (Shutdown Mode)
0.6
V(max)
High, (Soft-start Mode)
2
V(min)
V
SS
Soft-start Voltage
V
OUT = 20% of Nominal Output Voltage
2
V
V
OUT = 100% of Nominal Output Voltage
3
I
SD
Shutdown Current
V
SHUTDOWN = 0.5V
5µA
10
µA(max)
I
SS
Soft-start Current
V
Soft-start = 2.5V
1.5
µA
5
µA(max)
www.national.com
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2593HVSIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2597SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2598SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2599SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2591HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2592HVSIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2594SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2595SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2671SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2596SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl