Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE39 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # P4KE39
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

P4KE39 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  P4KE39 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd P4KE39 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd P4KE39 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 388 -
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted)
Device
Nominal
Voltage
(V)
Breakdown
Voltage @IT
VBR
(V)(note1)
Test
Current
IT
(mA)
Stand-
Off
Voltage
VWM
(V)
Maximum
Reverse
Leakage
@VWM
ID(μΑ)
Maximum
Peak Pulse
Current
IPPM
(note2)(A)
Maximum
Clamping
Voltage @IPPM
VC(V)
Maximum
Temperature
Coefficient
of VBR(%/°C)
Min
Max
UNI
BI
P4KE6.8
P4KE6.8C
6.8
6.12
7.48
10
5.50
1000
38
10.8
0.057
P4KE6.8A
P4KE6.8CA
6.8
6.46
7.14
10
5.80
1000
40
10.5
0.057
P4KE7.5
P4KE7.5C
7.5
6.75
8.25
10
6.05
500
35
11.7
0.061
P4KE7.5A
P4KE7.5CA
7.5
7.13
7.88
10
6.4
500
37
11.3
0.061
P4KE8.2
P4KE8.2C
8.2
7.38
9.02
10
6.63
200
33
12.5
0.065
P4KE8.2A
P4KE8.2CA
8.2
7.79
8.61
10
7.02
200
34
12.1
0.065
P4KE9.1
P4KE9.1C
9.1
8.19
10.0
1.0
7.37
50
30
13.8
0.068
P4KE9.1A
P4KE9.1CA
9.1
8.65
9.55
1.0
7.78
50
31
13.4
0.068
P4KE10
P4KE10C
10
9.00
11.0
1.0
8.10
10
28
15.0
0.073
P4KE10A
P4KE10CA
10
9.50
10.5
1.0
8.55
10
29
14.5
0.073
P4KE11
P4KE11C
11
9.90
12.1
1.0
8.92
5.0
26
16.2
0.075
P4KE11A
P4KE11CA
11
10.5
11.6
1.0
9.40
5.0
27
15.6
0.075
P4KE12
P4KE12C
12
10.8
13.2
1.0
9.72
5.0
24
17.3
0.078
P4KE12A
P4KE12CA
12
11.4
12.6
1.0
10.2
5.0
25
16.7
0.078
P4KE13
P4KE13C
13
11.7
14.3
1.0
10.5
5.0
22
19.0
0.081
P4KE13A
P4KE13CA
13
12.4
13.7
1.0
11.1
5.0
23
18.2
0.081
P4KE15
P4KE15C
15
13.5
16.5
1.0
12.1
5.0
19
22.0
0.084
P4KE15A
P4KE15CA
15
14.3
15.8
1.0
12.8
5.0
20
21.2
0.084
P4KE16
P4KE16C
16
14.4
17.6
1.0
12.9
5.0
17.8
23.5
0.086
P4KE16A
P4KE16CA
16
15.2
16.8
1.0
13.6
5.0
18.6
22.5
0.086
P4KE18
P4KE18C
18
16.2
19.8
1.0
14.5
5.0
16
26.5
0.088
P4KE18A
P4KE18CA
18
17.1
18.9
1.0
15.3
5.0
16.5
25.2
0.088
P4KE20
P4KE20C
20
18.0
22.0
1.0
16.2
5.0
14
29.1
0.090
P4KE20A
P4KE20CA
20
19.0
21.0
1.0
17.1
5.0
15
27.7
0.090
P4KE22
P4KE22C
22
19.8
24.2
1.0
17.8
5.0
13
31.9
0.092
P4KE22A
P4KE22CA
22
20.9
23.1
1.0
18.8
5.0
13.7
30.6
0.092
P4KE24
P4KE24C
24
21.6
26.4
1.0
19.4
5.0
12
34.7
0.094
P4KE24A
P4KE24CA
24
22.8
25.2
1.0
20.5
5.0
12.6
33.2
0.094
P4KE27
P4KE27C
27
24.3
29.7
1.0
21.8
5.0
10.7
39.1
0.096
P4KE27A
P4KE27CA
27
25.7
28.4
1.0
23.1
5.0
11.0
37.5
0.096
P4KE30
P4KE30C
30
27.0
33.0
1.0
24.3
5.0
9.6
43.5
0.097
P4KE30A
P4KE30CA
30
28.5
31.5
1.0
25.6
5.0
10
41.4
0.097
P4KE33
P4KE33C
33
29.7
36.3
1.0
26.8
5.0
8.8
47.7
0.098
P4KE33A
P4KE33CA
33
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
P4KE36
P4KE36C
36
32.4
39.6
1.0
29.1
5.0
8.0
52
0.099
P4KE36A
P4KE36CA
36
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
P4KE39
P4KE39C
39
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
P4KE39A
P4KE39CA
39
37.1
41.0
1.0
33.3
5.0
7.7
53.9
0.100
P4KE43
P4KE43C
43
38.7
47.3
1.0
34.8
5.0
6.7
61.9
0.101
P4KE43A
P4KE43CA
43
40.9
45.2
1.0
36.8
5.0
7.0
59.3
0.101
P4KE47
P4KE47C
47
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
P4KE47A
P4KE47CA
47
44.7
49.4
1.0
40.2
5.0
6.4
64.8
0.101
P4KE51
P4KE51C
51
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
P4KE51A
P4KE51CA
51
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
P4KE56
P4KE56C
56
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
P4KE56A
P4KE56CA
56
53.2
58.8
1.0
47.8
5.0
5.4
77
0.103
P4KE62
P4KE62C
62
55.8
68.2
1.0
50.2
5.0
4.7
89
0.104
P4KE62A
P4KE62CA
62
58.9
65.1
1.0
53.0
5.0
5.0
85
0.104


Similar Part No. - P4KE39

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE39 DACHANG-P4KE39 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Pan Jit International I...
P4KE39 PANJIT-P4KE39 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Nantong Hornby Electron...
P4KE39 HORNBY-P4KE39 Datasheet
343Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
P4KE39 DIOTEC-P4KE39 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE39 LUGUANG-P4KE39 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE39

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com