Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP2189-PCB1900S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FP2189-PCB1900S
Description  high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FP2189-PCB1900S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  FP2189-PCB1900S Datasheet HTML 1Page - List of Unclassifed Manufacturers FP2189-PCB1900S Datasheet HTML 2Page - List of Unclassifed Manufacturers FP2189-PCB1900S Datasheet HTML 3Page - List of Unclassifed Manufacturers FP2189-PCB1900S Datasheet HTML 4Page - List of Unclassifed Manufacturers FP2189-PCB1900S Datasheet HTML 5Page - List of Unclassifed Manufacturers FP2189-PCB1900S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
FP2189
1 Watt HFET
Outline Drawing
Land Pattern
Mounting Configuration
R6
8.2 k
Vdd = +8 V
Vgg = -4 V
UMT1N
6
1
5
2
4
3
Connected to Vdd
on App Circuit
Connected to Vgg
on App Circuit
R5
8.2 k
R3
220
R4
1
1%
0805
Application Note
Special attention should be taken to properly bias the FP2189. Power supply sequencing
is required to prevent the device from operating at 100% Idss for a prolonged period of
time and possibly causing damage to the device. It is recommended that for the safest
operation, the negative supply be “first on and last off.” With a negative gate voltage
present, the drain voltage can then be applied to the device. The gate voltage can then
be adjusted to have the device be used at the proper quiescent bias condition.
An optional temperature-compensation active-bias circuit is recommended for use with
the application circuit, which requires two standard voltage supplies +8V and -4V, and
is set for an optimal drain bias of +8V @ 250 mA. The circuit schematic, shown on the
right, uses dual PNP transistors to provide a constant drain current into the FP2189 and
also eliminates the effects of pinchoff variation. Temperature compensation is achieved
by tracking the voltage variation with the temperature of the emitter-to-base junction of
the PNP transistors. Thus the transistor emitter voltage adjusts the voltage incident at
the gate of the FP2189 so that the device draws a constant current, regardless of the
temperature. Two fixed voltage supplies are needed for operation. A Rohm dual
transistor, UMT1N, and a dual-chip resistor (8.2 k
Ω) are recommended to minimize
board space and help decrease the current variability through R4 with the components
being matched to one another. The active-bias circuit can directly be attached to the
voltage supply ports in the circuit diagram as shown above (Vdd and Vgg).


Similar Part No. - FP2189-PCB1900S

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP2189-PCB1900S WJCI-FP2189-PCB1900S Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189-PCB1900S WJCI-FP2189-PCB1900S Datasheet
610Kb / 12P
   1-Watt HFET
More results

Similar Description - FP2189-PCB1900S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
   High Performance 쩍-Watt HFET(Heterostructure FET)
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
RFHIC
AE367 RFHIC-AE367 Datasheet
820Kb / 12P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
   drive or pre-drive amplifier designed in a low cost SOT-89 package
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
   drive or pre-drive amplifier designed in a low cost SOT-89 package.
logo
WJ Communication. Inc.
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com