Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U444-06N-D-C Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U444-06N-D-C
Description  USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U444-06N-D-C Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U444-06N-D-C Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U444-06N-D-C Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB-C Port for Charging Portable Devices
Supports power input up to 20V 3A (60W)
Connects to USB-C wall charger to power connected devices
Specifications
CONNECTIONS
Side A - Connector 1
USB C (MALE)
Side B - Connector 1
DVI-I DUAL-LINK (FEMALE) (WIRED TO DVI-D SINGLE-LINK)
Side B - Connector 2
USB C (FEMALE)
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - U444-06N-D-C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-DB-C TRIPPLITE-U444-06N-DB-C Datasheet
164Kb / 4P
   USB-C to DVI Adapter with PD Charging - USB 3.1, Thunderbolt 3, 1080p, Black
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
   USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-DGUB-C TRIPPLITE-U444-06N-DGUB-C Datasheet
182Kb / 4P
   USB-C to DVI Adapter with USB-A Hub, Gigabit Ethernet, Thunderbolt 3, 1080p - PD Charging, Black
U444-06N-DP-AM TRIPPLITE-U444-06N-DP-AM Datasheet
508Kb / 2P
   USB 3.1 Gen 1 to DisplayPort Alternate Mode Dual/Multi-Monitor External Video Graphics Card Adapter, 4K x 2K
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
   USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
More results

Similar Description - U444-06N-D-C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-V-C TRIPPLITE-U444-06N-V-C Datasheet
512Kb / 2P
   USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
U444-06N-DU-C TRIPPLITE-U444-06N-DU-C Datasheet
512Kb / 2P
   USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
   USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-H4-C TRIPPLITE-U444-06N-H4-C Datasheet
513Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port, 4K x 2K
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
   USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
   USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com