Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2257L10X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSA2257L10X
Description  Low RON Low Voltage Dual SPDT Bi-Directional Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2257L10X Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FSA2257L10X Datasheet HTML 1Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 2Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 3Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 4Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 5Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 6Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
Tape and Reel Specification
Tape Format For Micropak 10
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L10X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - FSA2257L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2257L10X FAIRCHILD-FSA2257L10X Datasheet
665Kb / 13P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257L10X FAIRCHILD-FSA2257L10X Datasheet
980Kb / 11P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
ON Semiconductor
FSA2257L10X ONSEMI-FSA2257L10X Datasheet
664Kb / 12P
   Low-Voltage Dual SPDT Bi-Directional Analog Switch
May 2013 Rev. 1.0.6
More results

Similar Description - FSA2257L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_09 Datasheet
980Kb / 11P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257 FAIRCHILD-FSA2257_07 Datasheet
665Kb / 13P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
ON Semiconductor
FSA2257 ONSEMI-FSA2257 Datasheet
664Kb / 12P
   Low-Voltage Dual SPDT Bi-Directional Analog Switch
May 2013 Rev. 1.0.6
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Fairchild Semiconductor
FSA1256A FAIRCHILD-FSA1256A_11 Datasheet
460Kb / 10P
   Low-RON Low-Voltage, Dual SPDT Analog Switch with Low-ICCT ?쏛??Option
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com