Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2257L10X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSA2257L10X
Description  Low RON Low Voltage Dual SPDT Bi-Directional Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2257L10X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSA2257L10X Datasheet HTML 1Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 2Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 3Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 4Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 5Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 6Page - Fairchild Semiconductor FSA2257L10X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics (All typical values are @ 25°C unless otherwise specified)
Note 4: ON Resistance is determined by the voltage drop between A and B pins at the indicated current through the switch.
Note 5:
∆R
ON = RONmax − RONmin measured at identical VCC, temperature, and voltage.
Note 6: Flatness is defined as the difference between the maximum and minimum value of ON Resistance over the specified range of conditions.
Supply Voltage (VCC)
−0.5V to +6.0V
Switch Voltage (VS) (Note 2)
−0.5V to V
CC + 0.5V
Input Voltage (VIN) (Note 2)
−0.5V to +6.0V
Input Diode Current
−50 mA
Switch Current
200 mA
Peak Switch Current (Pulsed at
1 ms duration,
<10% Duty Cycle)
400 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
Lead Temperature (TL)
Soldering, 10 seconds
+260°C
ESD
Human Body Model
8000V
Supply Voltage (VCC)
1.65V to 5.5V
Control Input Voltage (VIN) (Note 3)
0V to VCC
Switch Input Voltage (VIN)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
VCC
TA = +25°CTA= −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
Input Voltage High
2.7 to 3.6
2.0
V
4.5 to 5.5
2.4
VIL
Input Voltage Low
2.7 to 3.6
0.6
V
4.5 to 5.5
0.8
IIN
Control Input Leakage
2.7 to 3.6
−1.0
1.0
µAV
IN = 0V to VCC
4.5 to 5.5
−1.0
1.0
INO(OFF),
OFF-Leakage Current
5.5
-2.0
2.0
−20.0
20.0
nA
A
= 1V, 4.5V
INC(OFF)
of Port B0 and B1
B0 or B1 = 1V, 4.5V
IA(ON)
ON Leakage Current
5.5
−4.0
4.0
−40.0
40.0
nA
A
= 1V, 4.5V
of Port A
B0 or B1 = 1V, 4.5V or Floating
RON
Switch ON Resistance
2.7
2.6
4.0
4.3
IOUT = 100 mA, B0 or B1 = 1.5V
(Note 4)
4.5
0.95
1.15
1.3
IOUT = 100 mA, B0 or B1 = 3.5V
∆R
ON
ON Resistance Matching
2.7
IOUT = 100 mA, B0 or B1 = 1.5V
Between Channels (Note 5)
4.5
0.06
0.12
0.15
IOUT = 100 mA, B0 or B1 = 3.5V
RFLAT(ON) ON Resistance Flatness
2.7
1.4
IOUT = 100 mA, B0 or B1 = 0V, 0.75V, 1.5V
(Note 6)
4.5
0.2
0.3
0.4
IOUT = 100 mA, B0 or B1 = 0V, 1V, 2V
ICC
Quiescent Supply Current
3.6
0.1
0.5
1.0
µA
VIN = 0V or VCC, IOUT = 0V
5.5
0.1
0.5
1.0


Similar Part No. - FSA2257L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2257L10X FAIRCHILD-FSA2257L10X Datasheet
665Kb / 13P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257L10X FAIRCHILD-FSA2257L10X Datasheet
980Kb / 11P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
ON Semiconductor
FSA2257L10X ONSEMI-FSA2257L10X Datasheet
664Kb / 12P
   Low-Voltage Dual SPDT Bi-Directional Analog Switch
May 2013 Rev. 1.0.6
More results

Similar Description - FSA2257L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_09 Datasheet
980Kb / 11P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257 FAIRCHILD-FSA2257_07 Datasheet
665Kb / 13P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
ON Semiconductor
FSA2257 ONSEMI-FSA2257 Datasheet
664Kb / 12P
   Low-Voltage Dual SPDT Bi-Directional Analog Switch
May 2013 Rev. 1.0.6
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Fairchild Semiconductor
FSA1256A FAIRCHILD-FSA1256A_11 Datasheet
460Kb / 10P
   Low-RON Low-Voltage, Dual SPDT Analog Switch with Low-ICCT ?쏛??Option
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com