Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ36A Datasheet(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SMAJ36A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SMAJ36A Datasheet(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

  SMAJ36A Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd SMAJ36A Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd SMAJ36A Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Device
Working
Peak
Reverse
Voltage
(V)
Breakdown
Voltage @IT
VBR(V)(1)
Test
Curren
IT
(mA)
Maximum
Reverse
Leakage
@VWM
ID(μΑ)(2)
Maximum
Peak Pulse
Surge Current
IPPM
(A)(3)
Maximum
Clamping
Voltage @ IPPM
VC(V)
UNI
Device Marking Code
UNI
BI
Min
Max
BI
BI
SMAJ36A
SMAJ36CA
36
40.0
44.2
1.0
5.0
5.4
58.1
36A
36D
SMAJ40
SMAJ40C
40
44.4
54.3
1.0
5.0
4.4
71.4
40V
40C
SMAJ40A
SMAJ40CA
40
44.4
49.1
1.0
5.0
4.8
64.5
40A
40D
SMAJ43
SMAJ43C
43
47.8
58.4
1.0
5.0
4.1
76.7
43V
43C
SMAJ43A
SMAJ43CA
43
47.8
52.8
1.0
5.0
4.5
69.4
43A
43D
SMAJ45
SMAJ45C
45
50.0
61.1
1.0
5.0
3.9
80.3
45V
45C
SMAJ45A
SMAJ45CA
45
50.0
55.3
1.0
5.0
4.3
72.7
45A
45D
SMAJ48
SMAJ48C
48
53.3
65.1
1.0
5.0
3.6
85.5
48V
48C
SMAJ48A
SMAJ48CA
48
53.3
58.9
1.0
5.0
4.0
77.4
48A
48D
SMAJ51
SMAJ51C
51
56.7
69.3
1.0
5.0
3.4
91.1
51V
51C
SMAJ51A
SMAJ51CA
51
56.7
62.7
1.0
5.0
3.8
82.4
51A
51D
SMAJ54
SMAJ54C
54
60.0
73.3
1.0
5.0
3.2
96.3
54V
54C
SMAJ54A
SMAJ54CA
54
60.0
66.3
1.0
5.0
3.6
87.1
54A
54D
SMAJ58
SMAJ58C
58
64.4
78.7
1.0
5.0
3.0
103.0
58V
58C
SMAJ58A
SMAJ58CA
58
64.4
71.2
1.0
5.0
3.3
93.6
58A
58D
SMAJ60
SMAJ60C
60
66.7
81.5
1.0
5.0
2.9
107.0
60V
60C
SMAJ60A
SMAJ60CA
60
66.7
73.7
1.0
5.0
3.2
96.8
60A
60D
SMAJ64
SMAJ64C
64
71.1
86.4
1.0
5.0
2.7
114.0
64V
64C
SMAJ64A
SMAJ64CA
64
71.1
78.6
1.0
5.0
3.0
103.0
64A
64D
SMAJ70
SMAJ70C
70
77.8
95.1
1.0
5.0
2.5
125
70V
70C
SMAJ70A
SMAJ70CA
70
77.8
86.0
1.0
5.0
2.7
113
70A
70D
SMAJ75
SMAJ75C
75
83.3
102
1.0
5.0
2.3
134
75V
75C
SMAJ75A
SMAJ75CA
75
83.3
92.1
1.0
5.0
2.6
121
75A
75D
SMAJ78
SMAJ78C
78
86.7
106
1.0
5.0
2.2
139
78V
78C
SMAJ78A
SMAJ78CA
78
86.7
95.8
1.0
5.0
2.5
126
78A
78D
SMAJ85
SMAJ85C
85
94.4
115
1.0
5.0
2.0
151
85V
85C
SMAJ85A
SMAJ85CA
85
94.4
104
1.0
5.0
2.2
137
85A
85D
SMAJ90
SMAJ90C
90
100
122
1.0
5.0
1.9
160
90V
90C
SMAJ90A
SMAJ90CA
90
100
111
1.0
5.0
2.1
146
90A
90D
SMAJ100
SMAJ100C
100
111
136
1.0
5.0
1.7
179
100V
100C
SMAJ100A
SMAJ100CA
100
111
123
1.0
5.0
1.9
162
100A
100D
SMAJ110
SMAJ110C
110
122
149
1.0
5.0
1.6
196
110V
110C
SMAJ110A
SMAJ110CA
110
122
135
1.0
5.0
1.7
177
110A
110D
SMAJ120
SMAJ120C
120
133
163
1.0
5.0
1.4
214
120V
120C
SMAJ120A
SMAJ120CA
120
133
147
1.0
5.0
1.6
193
120A
120D
SMAJ130
SMAJ130C
130
144
176
1.0
5.0
1.3
231
130V
130C
SMAJ130A
SMAJ130CA
130
144
159
1.0
5.0
1.5
209
130A
130D
SMAJ150
SMAJ150C
150
167
204
1.0
5.0
1.1
266
150V
150C
SMAJ150A
SMAJ150CA
150
167
185
1.0
5.0
1.3
243
150A
150D
SMAJ160
SMAJ160C
160
178
218
1.0
5.0
1.0
287
160V
160C
SMAJ160A
SMAJ160CA
160
178
197
1.0
5.0
1.2
259
160A
160D
SMAJ170
SMAJ170C
170
189
231
1.0
5.0
1.0
304
170V
170C
SMAJ170A
SMAJ170CA
170
189
209
1.0
5.0
1.1
275
170A
170D
N o t e :
1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure 3 and derate per Figure 2.
3. All terms and symbols are consistent with ANSI/IEEE C62.35.


Similar Part No. - SMAJ36A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ36A LITTELFUSE-SMAJ36A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ36A YANGJIE-SMAJ36A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Shanghai Leiditech Elec...
SMAJ36A LEIDITECH-SMAJ36A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Jinan Gude Electronic D...
SMAJ36A JGD-SMAJ36A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ36A CYSTEKEC-SMAJ36A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMAJ36A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com