Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS-IRDA250-16 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # AMS-IRDA250-16
Description  Specifications Sheet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

AMS-IRDA250-16 Datasheet(HTML) 1 Page - American Microsemiconductor

  AMS-IRDA250-16 Datasheet HTML 1Page - American Microsemiconductor AMS-IRDA250-16 Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AMS-IRDK250-08
Specifications Sheet
American Microsemiconductor Inc.
Page 1 of 2
133 Kings Road, Madison, NJ 07940
AS/EN/JISQ/ 9100:2009 REV C and ISO 9001:2008 Certificate No: 45325
Tel. 973-377-9566 fax. 973-377-3078
http://www.americanmicrosemiconductor.com
Feature
International standard package
Low forward voltage drop
Isolation voltage 2500V
Application
AC/DC machinery control
Rectifying power supply
Frequency converters
DC
DA
DK
Maximum ratings:
Symbol
Parameter
Test condition
Rating
Unit
IFAV
Average forward current
180°sine half wave, 50HZ single side heat
dissipation TC=100
250
A
IFSM
Forward surge current
t=10ms,50HZ,sin,Tjm
11000
A
I
2t
I
2t value
VR = 0.6VRRM Tjm
617000
A
2S
VISO
Isolation voltage
AC one minute
2500
V
Tj
Operating junction temperature
-40 to +150
C
Tjm
Rated junction temperature
150
C
Tstg
Storage temperature
-40 to +125
C
Md
Mounting torque copper plate M6
4
m
Mounting torque terminal M8
12
m
Wt
Weight
900
g
Symbol
Parameter
Rating
Unit
AMS-IRDC250-08
AMS-IRDA250-08
AMS-IRDK250-08
AMS-IRDC250-12
AMS-IRDA250-12
AMS-IRDK250-12
AMS-IRDC250-14
AMS-IRDA250-14
AMS-IRDK250-14
AMS-IRDC250-16
AMS-IRDA250-16
AMS-IRDK250-16
VRRM
Peak reverse repetitive
voltage
800
1200
1400
1600
V
VRSM
Peak reverse non-repetitive
voltage
960
1300
1500
1700
V


Similar Part No. - AMS-IRDA250-16

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
   Specifications Sheet
More results

Similar Description - AMS-IRDA250-16

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
   Specifications Sheet
logo
America Semiconductor, ...
1N6101 AMERICASEMI-1N6101 Datasheet
549Kb / 1P
   Specifications Sheet
logo
American Microsemicondu...
1N4725 AMMSEMI-1N4725 Datasheet
430Kb / 1P
   Specifications Sheet
logo
Schurter Inc.
HDT SCHURTER-HDT Datasheet
192Kb / 4P
   NO 2pole, IP65, illuminated Data sheet / Specifications
logo
Molex Electronics Ltd.
64001-3900 MOLEX2-64001-3900 Datasheet
319Kb / 9P
   Hand Crimp Tool Operating Instruction Sheet and Specifications
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com