Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6203P582FR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6203P582FR
Description  POSITIVE VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203P582FR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6203P582FR Datasheet HTML 1Page - Torex Semiconductor XC6203P582FR Datasheet HTML 2Page - Torex Semiconductor XC6203P582FR Datasheet HTML 3Page - Torex Semiconductor XC6203P582FR Datasheet HTML 4Page - Torex Semiconductor XC6203P582FR Datasheet HTML 5Page - Torex Semiconductor XC6203P582FR Datasheet HTML 6Page - Torex Semiconductor XC6203P582FR Datasheet HTML 7Page - Torex Semiconductor XC6203P582FR Datasheet HTML 8Page - Torex Semiconductor XC6203P582FR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DESIGNATOR SYMBOL
P
E
18∼
60 & A
DESCRIPTION
DESIGNATOR SYMBOL
DESCRIPTION
Current limiter circuit built-in
Type of Regulator
No current limiter circuit built-in
e.g. 252 : 2.5V, Accuracy ±2%
28A : 2.85V, Accuracy ±2%*
"A" indicates voltage of 50mV steps
P
F
R
L
Device Orientation
SOT-89
Package Type
SOT-223
T
TO-92(Standard)
L
TO-92(Custom pin configuration)
Embossed Tape(Standard Feed)
Embossed Tape(Reverse Feed)
H
B
Paper Type(TO-92)
Bag
(TO-92)
  
XC6203 qwerty
XC6203 Series
240
3
■Pin Configuration
■Pin Assignment
1
23
VSS
VIN
VOUT
SOT-89
(TOP VIEW)
PIN NUMBER
FUNCTION
PIN NAME
VSS
Ground
VIN
Power Input
VOUT
Output
SOT-89/SOT223/TO-92(T)
TO-92(L)
123
TO-92(T Type)
(TOP VIEW)
VIN VOUT
VSS
123
TO-92 (L Type)
(TOP VIEW)
VIN VSS VOUT
VSS
VIN
VOUT
123
SOT-223
(TOP V I E W )
Note*: Output Voltage in 50mV steps is applied only for 2.85V type.
Accuracy of ±1% is available as custom-designed products.
■Product Classification
GOrdering Information
03S_03XC6203 02.9.12 2:54 PM ページ 240


Similar Part No. - XC6203P582FR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203P18AFB TOREX-XC6203P18AFB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFH TOREX-XC6203P18AFH Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFL TOREX-XC6203P18AFL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFR TOREX-XC6203P18AFR Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18ALB TOREX-XC6203P18ALB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results

Similar Description - XC6203P582FR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com