Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA85C Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SA85C
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SA85C Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SA85C Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd SA85C Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd SA85C Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SA SERIES
TRANSIENT VOLTAGE SUPPRESSOR
FEATURE
.
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
.
500W surge capability at10×100us waveform, Duty cycle:0.01%
.
Excellent clamping capability
.
Low zener impedance
.
Fast response time:Typically less then 1.0ps from 0 volts to VBR
for unidirectional and 5.0ns for bidirectional
.
Typical IR less then 1μΑ above 10V
.
High temperature soldering guaranteed: 260°C /10 seconds
/.375"lead length / 5lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per MIL-STD 202E,
method 208C
.
Case: Molded with UL-94 Class V-0 recognized Flame Retardant
Epoxy
.
Polarity: color band denotes cathode except bipolar
Voltage Range 5.0 to 170 V
500 W Peak Power
1.0W Steady State
DO-15
1.0(25.4)
M IN.
.300(7.6)
.230(5.8)
1.0(25.4)
M IN.
.140(3.6)
.104(2.6)
DIA.
+
-
.034(0.9)
.028(0.7)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise stated.
Single-phase, half-wave, 60HZ, resistive or inductive load.
For capacotive load, derate current by 20%
Type Number
SYMBOL
Value
units
Peak Power Dissipation at TA=25°C,Tp=1ms (note 1)
PPPM
Minimum 500
W
Steady State Power Dissipation .375"lead length at
TL=75°C (note 2)
PD
1.0
W
Peak Forward Surge Current 8.3ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method) (note 3)
IFSM
60
A
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-55 to +125
°C
Note:
1. Non-repetitive Current Pulse Per Fig.3 and Derated above Ta=25°C Per Fig.2 .
2. Mounted on Copper Pad Area of 1.6×1.6″ (40×40mm)Per Fig.5 .
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes Maximum.
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types SA5.0 thru Types SA170.
2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - SA85C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA85C PANJIT-SA85C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
UN Semiconducctor INC
SA85C UNSEMI-SA85C Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA85C WTE-SA85C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SA85C MCC-SA85C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Won-Top Electronics
SA85C WTE-SA85C Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA85C

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com