Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ7912 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ7912
Description  Three-terminal negative voltage regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ7912 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ7912 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ7912 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ7912 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Co
1μF
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-252-2L Encapsulate Voltage Regulators
CJ7912 Three-terminal negative voltage regulator
FEATURES
Maximum output current IOM: 1.5 A
Output voltage Vo: - 12 V
Continuous total dissipation
PD: 1.25 W (Ta = 25
℃ )
10 W (TC= 25
℃ )
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
-35
V
Thermal
Resistance from Junction to Ambient
RθJA
100
℃/W
Thermal
Resistance from Junction to Case
RθJC
12.5
℃/W
Operating Junction Temperature Range
TOPR
0
~+150
Storage Temperature Range
TSTG
-
55~+150
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE (Vi=-19V,Io=500mA, Ci=2.2μF,Co=1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
25
-11.5
-12
-12.5
V
Output
Voltage
Vo
-14.5V≤Vi≤-27V, Io=5mA-1A
P≤15W
0-125
-11.4
-12
-12.6
V
Io=5mA-1.5A
25
15
200
mV
Load Regulation
∆Vo
Io=250mA-750mA
25
5
75
mV
-14.5V≤Vi≤-30V
25
5
80
mV
Line
Regulation
∆Vo
-16V≤Vi≤-22V
25
3
30
mV
Quiescent Current
Iq
25
2
3
mA
∆Iq
-14.5V≤Vi≤-30V
0-125
0.5
mA
Quiescent Current Change
∆Iq
5mA≤I O≤1A
0-125
0.5
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
300
μV
Output
Voltage Drift
Vo/
△△T
IO=5mA
0-125
-0.8
mV/℃
Ripple Rejection
RR
-15V≤Vi≤-25V,f=120Hz
0-125
54
60
dB
Dropout Voltage
Vd
Io=1A
25
1.1
V
Peak Current
Ipk
25
2.1
A
TYPICAL APPLICATION
Vi
2
3
Vo
UTC
Ci
2.2μF
CJ7912
TO-252-2L
1 GND
2. IN
3.OUT
www.cj-elec.com
1
D,Mar,2016


Similar Part No. - CJ7912

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7912 JIANGSU-CJ7912 Datasheet
97Kb / 1P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
98Kb / 1P
   Three-terminal negative voltage regulator
CJ7912-TO-220 JIANGSU-CJ7912-TO-220 Datasheet
97Kb / 1P
   Three-terminal negative voltage regulator
CJ7912-TO-252-2L JIANGSU-CJ7912-TO-252-2L Datasheet
98Kb / 1P
   Three-terminal negative voltage regulator
logo
ZP Semiconductor
CJ7912-TO220-3L ZPSEMI-CJ7912-TO220-3L Datasheet
595Kb / 1P
   TO-220-3L Encapsulate Voltage Regulators
More results

Similar Description - CJ7912

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com