Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJA1117B-3.3 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJA1117B-3.3
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJA1117B-3.3 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJA1117B-3.3 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117B-3.3 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117B-3.3 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117B-3.3 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117B-3.3 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117B-3.3 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
1A LOW DROPOUT LINEAR REGULATOR
CJA1117B-XXX
FEATURES
Low Dropout Voltage: 1.15V at 1A Output Current
Trimmed Current Limit
On-Chip Thermal Shutdown
Three-Terminal Adjustable or Fixed 1.8V, 2.5V, 3.3V, 5V
Operation Junction Temperature:
-25 ℃ to 125℃
GENERAL DESCRIPTION
The CJA1117B-XXX is a series of low dropout three-terminal regulators with a dropout of 1.15V at
1A output current.
The CJA1117B-XXX series provides current limiting and thermal shutdown. Its circuit includes a
trimmed bandage. reference to assure output voltage accuracy to be within 1.5%. Current limit is
trimmed to ensure specified. output current and controlled short-circuit current. On-chip thermal
shutdown provides protection against any combination of overload and ambient temperature that would
create excessive junction temperature.
The CJA1117B-XXX has an adjustable version, that can provide the output voltage from 1.25V to 5V with
only 2 external resistors.
APPLICATIONS
PC Motherboard
LCD Monitor
Graphic Card
DVD-Video Player
NIC/Switch
Telecom Modem
ADSL Modem
Printer and other peripheral Equipment
Marking:
SOT-89-3L
1. ADJ/GND
2. OUTPUT
3.IN
www.cj-elec.com
1
E,Mar,2016
A1117B
121


Similar Part No. - CJA1117B-3.3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJA1117B-3.3 ZPSEMI-CJA1117B-3.3 Datasheet
1Mb / 4P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJA1117B-3.3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com