Electronic Components Datasheet Search |
|
V24B15M150BN2 Datasheet(PDF) 8 Page - Vicor Corporation |
|
V24B15M150BN2 Datasheet(HTML) 8 Page - Vicor Corporation |
8 / 15 page 24V Mini Family Rev 4.9 vicorpower.com Page 8 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency 87.6 89.1 % Nominal input; full load; 25°C Ripple and noise 182.0 228.0 mV p-p Nominal input; full load; 20MHz bandwidth Output OVP setpoint 53.8 55.7 57.6 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 7.4 8.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 5.2 Amps Current limit 5.3 6.0 7.0 Amps Output voltage 95% of nominal Short circuit current 3.6 6.0 7.0 Amps Output voltage <250mV 48VOUT, 250W (e.g. V24B48C250BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 86.7 88.0 % Nominal input; full load; 25°C Ripple and noise 200 250 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 4.2 5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 4.17 Amps Current limit 4.25 4.8 5.63 Amps Output voltage 95% of nominal Short circuit current 2.91 4.8 5.63 Amps Output voltage <250mV 36VOUT, 150W (e.g. V24B36C150BL) Parameter Min Typ Max Unit Notes Efficiency 87.0 88.0 % Nominal input; full load; 25°C Ripple and noise 200 250 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 4.5 5.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 5.55 Amps Current limit 5.67 6.39 7.51 Amps Output voltage 95% of nominal Short circuit current 3.89 6.39 7.51 Amps Output voltage <250mV 36VOUT, 200W (e.g. V24B36C200BL) Parameter Min Typ Max Unit Notes Efficiency 86.5 87.8 % Nominal input; full load; 25°C Ripple and noise 200 250 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 4.3 5.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 5.36 Amps Current limit 5.46 6.16 7.24 Amps Output voltage 95% of nominal Short circuit current 3.75 6.16 7.24 Amps Output voltage <250mV 28VOUT, 150W (e.g. V24B28C150BL) |
Similar Part No. - V24B15M150BN2 |
|
Similar Description - V24B15M150BN2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |