Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDUR2060WTA Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SDUR2060WTA
Description  Free wheeling diode in converters and motor control circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDUR2060WTA Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDUR2060WTA Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR2060WTA Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR2060WTA Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR2060WTA Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1734, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SDUR2060WTA
SDUR2060WTA ULTRAFAST PLASTIC RECTIFIER
Applications:
Antiparallel diode for high frequency switching devices
Anti saturation diode
Snubber diode
Free wheeling diode in converters and motor control circuits
Rectifiers in switch mode power supplies (SMPS)
Inductive heating and melting
Uninterruptible power supplies (UPS)
Ultrasonic cleaners and welders
Features:
Ultra-Fast Switching
High Current Capability
Low Reverse Leakage Current
High Surge Current Capability
Plastic Material has UL Flammability Classification 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm
TO-247AD(HD)
SYMBOL
MIN.
TYP.
MAX.
A
4.80
5.00
5.20
A1
2.21
2.41
2.61
A2
1.90
2.00
2.10
b
1.10
1.20
1.35
b1
2.00
b2
3.00
c
0.55
0.60
0.75
D
20.80
21.00
21.20
D1
16.55
D2
1.20
E
15.60
15.80
16.00
E1
13.30
E2
5.00
E3
2.50
e5.44
L
19.42
19.92
20.42
L1
4.13
P
3.50
3.60
3.70
P1
7.40
P2
2.50
Q5.80
S
6.05
6.15
6.25
T
10.00
U6.20
COMMON
CATHODE
BASE
2
ANODE 1
ANODE 2
3
1


Similar Part No. - SDUR2060WTA

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SDUR2060WTA SMCDIODE-SDUR2060WTA Datasheet
350Kb / 7P
   SDUR2060WTA ULTRAFAST RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
SDUR2060WTA-HF SMC-SDUR2060WTA-HF Datasheet
193Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
logo
SMC Diode Solutions Co....
SDUR2060WTA-HF SMCDIODE-SDUR2060WTA-HF Datasheet
289Kb / 4P
   SDUR2060WTA-HF ULTRAFAST RECTIFIER
Rev. B
More results

Similar Description - SDUR2060WTA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURF1560CT SMC-SDURF1560CT Datasheet
84Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDUR15100 SMC-SDUR15100 Datasheet
64Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURB SMC-SDURB Datasheet
338Kb / 7P
   Free wheeling diode in converters and motor control circuits
SDURD1060CTA SMC-SDURD1060CTA Datasheet
290Kb / 6P
   Free wheeling diode in converters and motor control circuits
SDUR SMC-SDUR Datasheet
216Kb / 7P
   Free wheeling diode in converters and motor control circuits
SDUR5120 SMC-SDUR5120 Datasheet
204Kb / 6P
   Free wheeling diode in converters and motor control circuits
SDUR8040WT SMC-SDUR8040WT Datasheet
174Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURF20100CT SMC-SDURF20100CT Datasheet
171Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURF3060 SMC-SDURF3060 Datasheet
237Kb / 5P
   Free wheeling diode in converters and motor control circuits
SDURF15120CT SMC-SDURF15120CT Datasheet
84Kb / 4P
   Free wheeling diode in converters and motor control circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com