Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDUR5120 Datasheet(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SDUR5120
Description  Free wheeling diode in converters and motor control circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDUR5120 Datasheet(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDUR5120 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR5120 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR5120 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR5120 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR5120 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR5120 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1326, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SDUR5120
SDURB5120
SDURD5120
SDURF5120
Electrical Characteristics:
* Pulse width < 300 µs, duty cycle < 2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
SDUR5120
SDURB5120
SDURD5120
SDURF5120
Units
Junction Temperature
TJ
-55 to +150
°C
Storage Temperature
Tstg
-55 to +150
°C
Maximum Thermal
Resistance Junction to
Case(per leg)*
RθJC
2.3
2.3
1.7
4.2
K/W
Approximate Weight
wt
1.8
1.85
0.39
1.8
g
Case Style
TO-220AC/ D
2PAK/ DPAK/ ITO-220AC
Characteristics
Symbol
Condition
Max.
Units
VF1
@5A, Pulse, TJ = 25°C
2.95
V
Forward Voltage
Drop(Per leg)*
VF2
@5A, Pulse, TJ = 150°C
1.95
V
IR1
@VR = rated VR
TJ = 25°C
70
µA
Reverse Current*
IR2
@VR = rated VR
TJ = 125
°C
1.0
mA
Reverse Recovery Time
trr1
IF=500mA, IR=1A,and Irm=250mA
100
ns


Similar Part No. - SDUR5120

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDUR5100 SMC-SDUR5100 Datasheet
202Kb / 6P
   ULTRAFAST PLASTIC RECTIFIER
More results

Similar Description - SDUR5120

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURF1560CT SMC-SDURF1560CT Datasheet
84Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDUR2060WTA SMC-SDUR2060WTA Datasheet
178Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDUR15100 SMC-SDUR15100 Datasheet
64Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURB SMC-SDURB Datasheet
338Kb / 7P
   Free wheeling diode in converters and motor control circuits
SDURD1060CTA SMC-SDURD1060CTA Datasheet
290Kb / 6P
   Free wheeling diode in converters and motor control circuits
SDUR SMC-SDUR Datasheet
216Kb / 7P
   Free wheeling diode in converters and motor control circuits
SDUR8040WT SMC-SDUR8040WT Datasheet
174Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURF20100CT SMC-SDURF20100CT Datasheet
171Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURF3060 SMC-SDURF3060 Datasheet
237Kb / 5P
   Free wheeling diode in converters and motor control circuits
SDURF15120CT SMC-SDURF15120CT Datasheet
84Kb / 4P
   Free wheeling diode in converters and motor control circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com