Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDURB8120 Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SDURB8120
Description  Free wheeling diode in converters and motor control circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDURB8120 Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDURB8120 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURB8120 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURB8120 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURB8120 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURB8120 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURB8120 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1327, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SDUR8120
SDURB8120
SDURD8120
SDURF8120
Marking Diagram:
Where XXXXX is YYWWL
SDUR
= Device Type
B/D/F
= Package type
8
= Forward Current (8A)
120
= Reverse Voltage (1200V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
SDUR8120
SDURB8120
SDURD8120
SDURF8120
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
SDUR8120
TO-220AC
(Pb-Free)
50pcs / tube
SDURB8120
D²PAK
(Pb-Free)
800pcs / reel
SDURD8120
DPAK
(Pb-Free)
2500pcs / reel
SDURF8120
ITO-220AC
(Pb-Free)
50 pcs / tube
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
1200
V
Average Forward Current
Io(AV)
50% duty cycle @Tc=115°C,
rectangular wave form
8
A
Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3ms, Half Sine pulse
60
A


Similar Part No. - SDURB8120

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURB8100CT SMC-SDURB8100CT Datasheet
189Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
More results

Similar Description - SDURB8120

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURF1560CT SMC-SDURF1560CT Datasheet
84Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDUR2060WTA SMC-SDUR2060WTA Datasheet
178Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDUR15100 SMC-SDUR15100 Datasheet
64Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURB SMC-SDURB Datasheet
338Kb / 7P
   Free wheeling diode in converters and motor control circuits
SDURD1060CTA SMC-SDURD1060CTA Datasheet
290Kb / 6P
   Free wheeling diode in converters and motor control circuits
SDUR SMC-SDUR Datasheet
216Kb / 7P
   Free wheeling diode in converters and motor control circuits
SDUR5120 SMC-SDUR5120 Datasheet
204Kb / 6P
   Free wheeling diode in converters and motor control circuits
SDUR8040WT SMC-SDUR8040WT Datasheet
174Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURF20100CT SMC-SDURF20100CT Datasheet
171Kb / 4P
   Free wheeling diode in converters and motor control circuits
SDURF3060 SMC-SDURF3060 Datasheet
237Kb / 5P
   Free wheeling diode in converters and motor control circuits
SDURF15120CT SMC-SDURF15120CT Datasheet
84Kb / 4P
   Free wheeling diode in converters and motor control circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com