Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDURD1060B Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SDURD1060B
Description  Antiparallel diode for high frequency switching devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDURD1060B Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDURD1060B Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1060B Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1060B Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1060B Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1060B Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1060B Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Green Products
Data Sheet N1592, Rev. C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SDURD1060B
Marking Diagram:
Where XXXXX is YYWWL
SDUR
= Device Type
D
= Package type
10
= Forward Current (10A)
60
= Reverse Voltage (600V)
B
= B
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
SDURD1060B
DPAK
(Pb-Free)
2500pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
600
V
Average Forward Current
IF(AV)
50% duty cycle @TC =100℃
rectangular wave form
10
A
Peak One Cycle Non-Repetitive
Surge Current
IFSM
8.3 ms, half Sine pulse
70
A


Similar Part No. - SDURD1060B

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SDURD1060B SMCDIODE-SDURD1060B Datasheet
370Kb / 5P
   SDURD1060B ULTRAFAST RECTIFIER
Rev. D
More results

Similar Description - SDURD1060B

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDUR1520CT SMC-SDUR1520CT Datasheet
300Kb / 6P
   Antiparallel diode for high frequency switching devices
SDURF10120CT SMC-SDURF10120CT Datasheet
84Kb / 4P
   Antiparallel diode for high frequency switching devices
logo
Hitachi Semiconductor
HVC132 HITACHI-HVC132 Datasheet
22Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC134 HITACHI-HVC134 Datasheet
23Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVD132 HITACHI-HVD132 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Renesas Technology Corp
HVD133 RENESAS-HVD133 Datasheet
76Kb / 7P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Hitachi Semiconductor
HVU145 HITACHI-HVU145 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC133 HITACHI-HVC133 Datasheet
23Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVD131 HITACHI-HVD131 Datasheet
22Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVD133 HITACHI-HVD133 Datasheet
37Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com